Electronic Components Datasheet Search
  English  ▼

X  

FW800X2 Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # FW800X2
Description  EH Series Audio/Video/Data CONNECTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

FW800X2 Datasheet(HTML) 3 Page - Switchcraft, Inc.

  FW800X2 Datasheet HTML 1Page - Switchcraft, Inc. FW800X2 Datasheet HTML 2Page - Switchcraft, Inc. FW800X2 Datasheet HTML 3Page - Switchcraft, Inc. FW800X2 Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPB
Switchcraft®
3
Switchcraft
®
www.switchcraft.com
5555 N. Elston Avenue/Chicago, IL 60630
Phone: 773-792-2700 Fax: 773-792-2129
*Sample EH Series Part Number: EHBNC2BPKG (BNC Feedthru, Black Housing, Bagged with 4-40 Mounting Screws)
*Sample E Series Part Number: E3FSCPKG (3-Pin XLR Female, Solder Cups, Bagged with 4-40 Mounting Screws)
*Male to female 9-Pin and 15-Pin DSUBS are user reversible to create female to male connectors.
*All Blank Hole Covers come bagged with 4-40 mounting screws.
*All EH Series Fiber Optic Connectors come with dust caps.
EH Series
Audio/Video/Data
Connector Options
Blank Hole Covers
Part Number
1 Space
ECPPKG
2 Space
ECP2PKG
4 Space
ECP4PKG
8 Space
ECP8PKG
Connector Type
Part Number
(Nickel Finish)
Part Number
(Black Finish)
Bagged with
Mounting Screws
1/4" Mono Locking Jack
E111L
E111BL
PKG
1/4" Stereo Locking Jack
E112BL
E112BLB
PKG
ESeries
(XLR)
Pins Gender
Fas-Disconnect
Option
Termination Style
Finish
Mounting Hole
Options
Bagged with
Mounting Screws
E
3,4,5
M, F
D=Fas-Disconnect
Blank=Standard
Locking
ST=Straight PC Terminals
RA=Right Angle PC Terminals
SC=Solder Cups
Blank=Conical Springs (3-Pin)
B=Black
Blank=Nickel
M3=M3x0.5 Thread
440=#4-40 Thread
Blank=Counter-Sunk
Hole
PKG
12
3
4
EH Series
Termination
Housing Connector
B = Black
Blank = Nickel
Bagged with
Mounting Screws
3.5MM (1/8") Mono
Solder
EH
35MMMSC
B
PKG
3.5MM (1/8") Stereo
Solder
EH
35MMSSC
B
PKG
SVHS (S-Video)
Feedthru
EH
SVHS2
B
PKG
PS/2
Feedthru
EH
6MD2
B
PKG
Firewire 400 (IEEE1394) Straight-Wired
Feedthru
EH
FW2
B
PKG
Firewire 400 (IEEE1394) Cross-Wired
Feedthru
EH
FWX2
B
PKG
Firewire 800 (IEEE1394B) Straight-Wired
Feedthru
EH
FW8002
B
PKG
Firewire 800 (IEEE1394B) Cross-Wired
Feedthru
EH
FW800X2
B
PKG
RCA
Feedthru
EH
RCA2
B
PKG
BNC
Feedthru
EH
BNC2
B
PKG
BNC (Recessed Front)
Feedthru
EH
BNC2R
B
PKG
BNC
Solder
EH
BNCSC
B
PKG
BNC to RCA
Feedthru
EH
BNCRCA
B
PKG
RCA to BNC
Feedthru
EH
RCABNC
B
PKG
USBAto B
Feedthru
EH
USBAB
B
PKG
USBBto A
Feedthru
EH
USBBA
B
PKG
9-PinDSUB MaletoMale
Feedthru
EH
DB9MM
B
PKG
9-Pin DSUB Male to Female
Feedthru
EH
DB9MF
B
PKG
9-Pin DSUB Female to Female
Feedthru
EH
DB9FF
B
PKG
15-Pin HD DSUB Male to Male
Feedthru
EH
HD15MM
B
PKG
15-Pin HD DSUB Male to Female
Feedthru
EH
HD15MF
B
PKG
15-Pin HD DSUB Female to Female
Feedthru
EH
HD15FF
B
PKG
F to F (Coaxial)
Feedthru
EH
FF
B
PKG
LC Fiber Optic (singlemode)
Feedthru
EH
LC2
(Black Only)
PKG
LC Fiber Optic (multimode)
Feedthru
EH
LC2M
(Black Only)
PKG
SC Fiber Optic (singlemode)
Feedthru
EH
SC2
(Black Only)
PKG
SC Fiber Optic (multimode)
Feedthru
EH
SC2M
(Black Only)
PKG
ST Fiber Optic (singlemode)
Feedthru
EH
ST2
B
PKG
ST Fiber Optic (multimode)
Feedthru
EH
ST2M
B
PKG
TOSLINK
Feedthru
EH
TL2
(Black Only)
PKG
560B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com