Electronic Components Datasheet Search
  English  ▼

X  

B41231 Datasheet(PDF) 20 Page - EPCOS

Part # B41231
Description  Aluminum electrolytic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41231 Datasheet(HTML) 20 Page - EPCOS

Back Button B41231 Datasheet HTML 15Page - EPCOS B41231 Datasheet HTML 16Page - EPCOS B41231 Datasheet HTML 17Page - EPCOS B41231 Datasheet HTML 18Page - EPCOS B41231 Datasheet HTML 19Page - EPCOS B41231 Datasheet HTML 20Page - EPCOS B41231 Datasheet HTML 21Page - EPCOS B41231 Datasheet HTML 22Page - EPCOS B41231 Datasheet HTML 23Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
20 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
450
100
35
× 20
0.68
B43231D5107M000
120
22
× 40
0.73
B43231B5127M000
120
25.4
× 35
0.76
B43231A5127M000
120
30
× 25
0.73
B43231C5127M000
120
35
× 20
0.75
B43231D5127M000
150
22
× 50
0.89
B43231A5157M000
150
25.4
× 40
0.89
B43231B5157M000
150
30
× 30
0.87
B43231C5157M000
150
35
× 25
0.89
B43231D5157M000
180
25.4
× 45
1.02
B43231A5187M000
180
30
× 35
1.01
B43231B5187M000
180
35
× 25
0.98
B43231C5187M000
220
25.4
× 50
1.18
B43231B5227M000
220
30
× 40
1.17
B43231A5227M000
220
35
× 30
1.14
B43231C5227M000
270
30
× 45
1.35
B43231A5277M000
270
35
× 35
1.33
B43231B5277M000
330
30
× 50
1.55
B43231B5337M000
330
35
× 40
1.54
B43231A5337M000
390
35
× 45
1.74
B43231A5397M000
470
35
× 50
1.99
B43231A5477M000
500
68
22
× 30
0.49
B43231A6686M000
82
22
× 35
0.57
B43231A6826M000
82
25.4
× 30
0.59
B43231B6826M000
100
22
× 40
0.67
B43231A6107M000
100
25.4
× 35
0.69
B43231B6107M000
120
25.4
× 40
0.80
B43231A6127M000
150
30
× 35
0.92
B43231A6157M000
180
30
× 40
1.06
B43231A6187M000
220
30
× 45
1.22
B43231A6227M000
270
35
× 45
1.45
B43231A6277M000
330
35
× 50
1.66
B43231A6337M000
Technical data and ordering codes B43231
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
AEC-C_B41231_B43231.book Seite 20 Mittwoch, 16. April 2008 2:27 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com