Electronic Components Datasheet Search
  English  ▼

X  

AC200X Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # AC200X
Description  200 WATT AC-DC OPEN FRAME WITH PFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC200X Datasheet(HTML) 1 Page - Intronics Power, Inc.

  AC200X Datasheet HTML 1Page - Intronics Power, Inc. AC200X Datasheet HTML 2Page - Intronics Power, Inc. AC200X Datasheet HTML 3Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1400 PROVIDENCE HIGHWAY • BUILDING 2 NORWOOD, MASSACHUSETTS 02062-5015
PHONE: 781-551-5500 FAX: 781-551-5555
AC200X SERIES
AC200X12
AC200X24
AC200X36
AC200X48


Similar Part No. - AC200X

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC200 INTRONICS-AC200 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
logo
Shenzhen X-Powers Techn...
AC200 XPOWER-AC200 Datasheet
445Kb / 3P
Digital Analog Mix IC with Audio, Video and EPHY Modules for TV-BOX Application
logo
Intronics Power, Inc.
AC200-033 INTRONICS-AC200-033 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-050 INTRONICS-AC200-050 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-120 INTRONICS-AC200-120 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
More results

Similar Description - AC200X

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
Medical Grade 150 Watt Open Frame with PFC
logo
Wall Industries,Inc.
PSPW120 WALL-PSPW120 Datasheet
122Kb / 2P
120 Watts with PFC AC/DC Open Frame Power Supply
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
AC200 INTRONICS-AC200 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
logo
List of Unclassifed Man...
CFM150M ETC2-CFM150M Datasheet
569Kb / 2P
150W MEDICAL OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM100M CINCON-CFM100M Datasheet
418Kb / 2P
100W MEDICAL&ITE OPEN FRAME AC-DC MODULES WITH PFC
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
200 WATT AC-DC POWER SUPPLY WITH PFC
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
130 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM201S CINCON-CFM201S Datasheet
449Kb / 3P
200 WATT AC-DC OPEN FRAME WITH PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com