Electronic Components Datasheet Search
  English  ▼

X  

B100 Datasheet(PDF) 2 Page - Intronics Power, Inc.

Part # B100
Description  1WATT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

B100 Datasheet(HTML) 2 Page - Intronics Power, Inc.

  B100 Datasheet HTML 1Page - Intronics Power, Inc. B100 Datasheet HTML 2Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FILE NAME: B100 RevB.DOC, REVISION: January 19, 2007 V15
-2-
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS :
GENERAL SPECIFICATIONS :
Input Voltage Range....……………................................................10%
Efficiency...........................................………..…………............See Table
Isolation Voltage...................................……..……….........1000 VDC min.
Input Filter ……………………………………………..………Capacitive
Isolation Resistance .....................…….………….………10^9 Ohms min.
Switching Frequency .............................……......................100KHz
typ.
OUTPUT SPECIFICATIONS :
Operating Ambient Temperature Range...………...…….... -40℃ to +85℃
Voltage Accuracy…………………....……………….........…±3.0% max.
De-rating, Above 85℃ …………..……… Linearly to Zero power at 100℃
Case temperature (Note5)………..………….………..…..…...+100℃ max.
Ripple and Noise, 20MHz BW....SIP Models......……..75mV p-p max.
Cooling………………………………………..….………..Natural Convection
SMD Models……....120mV p-p max.
Storage Temperature Range ...…............………....…....... -55℃ to +125℃
Temperature Coefficient....................….………….......±0.05%/C max.
Dimensions:
Short Circuit Protection...................….…………Momentary 1sec. max.
SIP Models………….0.77 x 0.24 x 0.40inches(19.5 x 6.1 x 10.2mm)
Line Regulation, Note1..….………...…………………….....±1.2% max.
SMD Models(Single)…..0.5 x 0.31 x 0.27inches(12.7 x 8.0 x 6.8mm)
SMD Models(Dual)…. 0.6 x 0.31 x 0.27inches(15.24 x 8.0 x 6.8mm)
Case Material………..SIP Models………Non-conductive black plastic
Load Regulation, Note2…………………..........…………....±10% max.
SMD Models………….Epoxy molding compound
Weight………..……………………………………………………………..1.8g
NOTE :
1. Line regulation is per 1.0% change in input voltage
2. Load regulation is for load change from 100% to 20%
3. The output noise is measured with 0.33uF ceramic capacitor.
4. Suffix “S” to the model number with SMD packages
5. Maximum case temperature under any operating condition should
not be exceeded 100℃.
Dimensions:
Single Output
NA:Not Available for Electrical Connection
PIN CONNECTION
No Pin
-Vout
+Vout
Single Output
2-Vin
5
6
4
Pin
1+Vin
-Vin
Common
-Vout
+Vout
+Vin
Dual Output
+Vin
2
6
8
7
4
5
3
NA
-Vout
+Vout
PIN CONNECTION
Pin
1-Vin
Tol er ance
All Dimensi ons I n I nches( mm)
SI P PACKAGES
Pi n
Mill imet er s
Inches
X. XXX±0. 005
X. XX±0. 01
±0. 002
X. XX±0. 13
X. X±0. 25
±0. 05
SMD PACKAGES
NA
10
PIN CONNECTION
2
6
8
9
7
3
4
5
Pin
1
+Vin
NA
+Vout
Common
-Vout
Dual Output
-Vin
No Pin
No Pin
No Pin
No Pin
No Pin
No Pin
Typical Derating curve for Natural Convection
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
204060
80
100
Ambient Temperature(
oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com