Electronic Components Datasheet Search
  English  ▼

X  

B205 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # B205
Description  FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

B205 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  B205 Datasheet HTML 1Page - Intronics Power, Inc. B205 Datasheet HTML 2Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1400 PROVIDENCE HIGHWAY • BUILDING 2 NORWOOD, MASSACHUSETTS 02062-5015
PHONE: 781-551-5500 FAX: 781-551-5555


Similar Part No. - B205

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B2050C LITTELFUSE-B2050C Datasheet
132Kb / 2P
Battrax SLIC Protector
B2050C LITTELFUSE-B2050C Datasheet
132Kb / 2P
Battrax SLIC Protector
B2050CA LITTELFUSE-B2050CA Datasheet
97Kb / 1P
DO-214AA Package Symbolization
B2050CAL LITTELFUSE-B2050CAL Datasheet
153Kb / 3P
SLIC Protector
B2050CAL LITTELFUSE-B2050CAL Datasheet
843Kb / 52P
gas plasma arresters-package dimensions/specifications
More results

Similar Description - B205

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
1W, Fixed input voltage, isolated & unregulated single output
logo
GAPTEC Electronic GmbH ...
1D8A GAPTEC-1D8A Datasheet
1Mb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE DIP PACKAGE
1D8E GAPTEC-1D8E Datasheet
908Kb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE DIP PACKAGE
1D8E-3U GAPTEC-1D8E-3U Datasheet
894Kb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE DIP PACKAGE
1D14A GAPTEC-1D14A Datasheet
388Kb / 3P
1W - Dual Separate Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
1D14B GAPTEC-1D14B Datasheet
989Kb / 3P
1W Single/Dual Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com