Electronic Components Datasheet Search
  English  ▼

X  

MIC5164 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5164
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5164 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5164 Datasheet HTML 1Page - Micrel Semiconductor MIC5164 Datasheet HTML 2Page - Micrel Semiconductor MIC5164 Datasheet HTML 3Page - Micrel Semiconductor MIC5164 Datasheet HTML 4Page - Micrel Semiconductor MIC5164 Datasheet HTML 5Page - Micrel Semiconductor MIC5164 Datasheet HTML 6Page - Micrel Semiconductor MIC5164 Datasheet HTML 7Page - Micrel Semiconductor MIC5164 Datasheet HTML 8Page - Micrel Semiconductor MIC5164 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel, Inc.
MIC5164
June 2010
3
M9999-061510
Absolute Maximum Ratings
(1)
VCC to GND....................................................
−0.3V to +7V
VDDQ to GND.................................................
−0.3V to +7V
EN to GND .......................................................
−0.3V to VCC
FB to GND........................................................
−0.3V to VCC
VREF to GND.................................................
−0.3V to VDDQ
COMP to GND..................................................
−0.3V to VCC
HD, LD to GND ................................................
−0.3V to VCC
PG to GND .......................................................
−0.3V to VCC
Lead Temperature (Soldering 10sec.) ....................... 260°C
Storage Temperature (TS).........................−65°C to +150°C
ESD Rating
(3) (HBM) ....................................................+2kV
(MM) ...................................................+300V
Operating Ratings
(2)
Supply Voltage (VCC).............................................. 3V to 6V
Supply Voltage (VDDQ)....................................... 1.35V to 6V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature Range (TJ)...... −40°C < TJ < +125°C
Junction Thermal Resistance
MSOP-10 (θJA)..............................................130.5°C/W
MSOP-10 (θJC)................................................42.6°C/W
Electrical Characteristics
(4)
TA = 25°C = VDDQ = 1.5V; VCC = EN = 5V, bold values indicate –40°C ≤ TJ ≤ +125°C, unless otherwise specified. See
test circuit 1 for test circuit configuration.
Parameter
Condition
Min.
Typ.
Max.
Units
VREF Voltage Accuracy
-1%
0.5VDDQ
+1%
V
Sourcing; 100mA to 3A
-5
-10
0.4
+5
+10
mV
mV
VTT Voltage Accuracy (Note 5)
Sinking; -100mA to -3A
-5
-10
0.4
+5
+10
mV
mV
Supply Current (IDDQ)
EN = 1.2V (controller ON)
No Load
25
140
200
µA
µA
Supply Current (ICC)
No Load
15
22
27
mA
mA
ICC Shutdown Current (Note 6)
EN = 0.2V (controller OFF); No PG pull-up
0.1
5
µA
Start-Up Time (Note 7)
VCC = 5V external bias; EN = VIN
8
15
30
µs
µs
Enable Input
Regulator Enabled
1.2
V
Enable Input Threshold
Regulator Shutdown
0.3
V
Enable Hysteresis
50
mV
VIL < 0.2V (controller shutdown)
0.01
µA
EN Pin Input Current
VIH > 1.2V (controller enable)
5.75
µA
Power Good Output
Power Good Window
Threshold, ±% of VTT from Nominal
±5
±10
±15
%
Hysteresis
2
%
Power Good Output Low Voltage
IPG = 2mA (sinking)
100
300
mV
Power Good Leakage Current
PG = EN = 5V, FB = VREF; Switch Leakage Current
to Ground
0.01
1.0
μA
Power Good Startup Delay Time
(Note 8)
1
2.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com