Electronic Components Datasheet Search
  English  ▼

X  

SC121 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC121
Description  Low Voltage Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC121 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC121 Datasheet HTML 13Page - Semtech Corporation SC121 Datasheet HTML 14Page - Semtech Corporation SC121 Datasheet HTML 15Page - Semtech Corporation SC121 Datasheet HTML 16Page - Semtech Corporation SC121 Datasheet HTML 17Page - Semtech Corporation SC121 Datasheet HTML 18Page - Semtech Corporation SC121 Datasheet HTML 19Page - Semtech Corporation SC121 Datasheet HTML 20Page - Semtech Corporation SC121 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
SC121
17
Applications Information (continued)
PWM Operation
The PWM cycle runs at a fixed frequency (f
osc
= 1.2MHz),
with a variable duty cycle (D). PWM operation continually
draws current from the input supply, except for low
output loads in which current flows periodically from, and
back into, the input. During the on-state of the PWM
cycle, the n-channel FET is turned on, grounding the
inductor at the LX pin. This causes the current flowing
from the input supply through the inductor to ground to
ramp up. During the off-state, the n-channel FET is turned
off and the p-channel FET (synchronous rectifier) is turned
on. This causes the inductor current to flow from the
input supply through the inductor into the output capaci-
tor and load, boosting the output voltage above the input
voltage. The cycle then repeats to re-energize the
inductor.
Ideally, the steady state (constant load) duty cycle is
determined by D = 1 – (V
IN
/V
OUT
), but must be greater in
practice to overcome dissipative losses. The SC121 PWM
controller constrains the value of D such that 0.20 < D < 0.90
(approximately).
The average inductor current during the off-state multi-
plied by (1-D) is equal to the average load current. The
inductor current is alternately ramping up (on-state) and
down (off-state) at a rate and amplitude determined by
the inductance value, the input voltage, and the on-time
(T
ON
= D×T, T = 1/f
OSC
). Therefore, the instantaneous induc-
tor current will be alternately larger and smaller than the
average.
If the average output current is sufficiently small, the
minimum inductor current can ramp down to zero during
the off-state. Discontinuous mode operation (where both
FETs turn off as the inductor current reaches zero) is not
supported in the SC121, since this would result in a finite
positive minimum current from input to output, which
would cause an uncontrolled rise in output voltage in this
case. Instead, the inductor current will reverse for the
remainder of the off-state, flowing from the output
capacitor into the OUT pin, through the p-channel FET to
the LX pin, and through the inductor to the input capaci-
tor. Negative inductor current ripple allows regulation
even with zero output load. The energy returned to the
input capacitor is not wasted, but dissipative conduction
losses will inevitably occur.
The minimum on-time limitation imposes a minimum
boost ratio, so if V
IN
is too close to V
OUT
(V
IN
> V
OUT
– 400mV,
approximately), V
OUT
will rise above the programmed
value for a sufficiently small output load. A higher output
load requires a higher duty cycle to overcome dissipative
losses, such that regulation at programmed V
OUT
will
eventually be restored. But this regulation-restoration
load rises rapidly with V
IN
, so this phenomenon can be
beneficially exploited in only rare circumstances. If opera-
tion with high V
IN
and low load is required, please consider
using the SC120, a pin compatible dual mode (PWM/
PSAVE) boost converter. The SC120 will support zero load
in PSAVE mode for V
IN
up to V
OUT
+ 150mV.
Regulator Startup, Short Circuit Protection,
and Current Limits
The SC121 permits power up at input voltages from 0.85V
to 4.5V. Soft-start startup current limiting of the internal
switching n-channel and p-channel FET power devices
protects them from damage in the event of a short
between OUT and GND. As the output voltage rises, pro-
gressively less-restrictive current limits are applied. This
protection unavoidably prevents startup into an exces-
sive load.
Upon enable, the p-channel FET between the LX and OUT
pins turns on with its current limited to approximately
150mA, the short-circuit output current. When V
OUT
approaches V
IN
(but is still below 1.7V), the n-channel
current limit is set to 350mA (the p-channel limit is dis-
abled), the internal oscillator turns on (approximately
200kHz), and a fixed 75% duty cycle PWM operation
begins. (See the section PWM Operation.) When the
output voltage exceeds 1.7V, fixed frequency PWM opera-
tion begins, with the duty cycle determined by an n-
channel FET peak current limit of 350mA. When this
n-channel FET startup current limit is exceeded, the on-
state ends immediately and the off-state begins. This
determines the duty cycle on a cycle-by-cycle basis.
When V
OUT
is within 2% of the programmed regulation
voltage, the n-channel FET current limit is raised to 1.2A,
and normal voltage regulation PWM control begins.
Once normal voltage regulation PWM control is initiated,
the output becomes independent of V
IN
and output regu-
lation can be maintained for V
IN
as low as 0.7V, subject to
the maximum duty cycle and peak current limits. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com