Electronic Components Datasheet Search
  English  ▼

X  

RF2186 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2186
Description  3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2186 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2186 Datasheet HTML 1Page - RF Micro Devices RF2186 Datasheet HTML 2Page - RF Micro Devices RF2186 Datasheet HTML 3Page - RF Micro Devices RF2186 Datasheet HTML 4Page - RF Micro Devices RF2186 Datasheet HTML 5Page - RF Micro Devices RF2186 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-197
2
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
9
8
7
6
12 VCC2
11 VCC2
10 VCC
1
16
15
14
13
4
VPD2
3
VMODE
2
VPD1
5
RF2186
3V W-CDMA POWER 1900MHZ/
3V LINEAR POWER AMPLIFIER
• 3V 1850-1910MHz CDMA-2000 Handsets
• 3V 1920-1980MHz W-CDMA Handsets
• Spread-Spectrum Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2186 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in 3V
CDMA-2000 and W-CDMA handsets, spread-spectrum
systems, and other applications in the 1850 MHz to
2000 MHz band. The device is self-contained with 50
input and the output can be easily matched to obtain opti-
mum power, efficiency, and linearity characteristics over
all recommended supply voltages.
• Single 3V Supply
• 27dBm Linear Output Power
• 31dB Linear Gain
• 35% Linear Efficiency
• On-board Power Down Mode
RF2186
3V W-CDMA Power 1900MHZ/ 3V Linear Power
Amplifier
RF2186 PCBA
Fully Assembled Evaluation Board
2
Rev A2 010515
3.75
3.75
+
1.50 SQ
4.00
4.00
1
0.45
0.28
3.20
1.60
0.75
0.50
12°
INDEX AREA
3
1.00
0.90
0.75
0.65
0.05
0.00
NOTES:
5
Package Warpage: 0.05 max.
4
Pins 1 and9are fused.
Shaded Pin is Lead 1.
1
Dimension applies to plated terminal and is measured
0.10 mm and 0.25 mm from terminal tip.
2
The terminal #1 identifier and terminal numbering conv
shall conform to JESD 95-1 SPP-012. Details of termin
identifier are optional, but must be located within the zo
indicated. The identifier may be either a mold or marke
feature.
3
0.80
TYP
2
1
Dimensions in mm.
Package Style: LCC, 16-Pin


Similar Part No. - RF2186

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189PCBA RFMD-RF2189PCBA Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
More results

Similar Description - RF2186

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4 Datasheet
67Kb / 6P
3V 1900MHZ LINEAR POWER AMPLIFIER
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com