Electronic Components Datasheet Search
  English  ▼

X  

ECOG2CP473F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECOG2CP473F
Description  Screw Terminal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOG2CP473F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECOG2CP473F Datasheet HTML 1Page - Panasonic Semiconductor ECOG2CP473F Datasheet HTML 2Page - Panasonic Semiconductor ECOG2CP473F Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminium Electrolytic Capacitors/GUP
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE189 –
400
450
(mm)
(V)
(µF)
(A)
(mm)
(mm)
Terminal
Part No.
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Pitch
n
Standard Products
Yes
No
( ):Mounting Clamp
6800
64
168
16.7
0.20
28.6
ECOG2VP682D( )
N
F
77
125
16.4
0.20
31.8
ECOG2VP682E( )
N
F
8200
64
222
18.5
0.20
28.6
ECOG2VP822D( )
N
F
77
150
18.1
0.20
31.8
ECOG2VP822E( )
N
F
10000
77
168
22.4
0.20
31.8
ECOG2VP103E( )
N
F
350
90
125
19.3
0.20
31.8
ECOG2VP103F( )
N
F
12000
77
190
26.1
0.20
31.8
ECOG2VP123E( )
N
F
90
150
22.8
0.20
31.8
ECOG2VP123F( )
N
F
15000
77
222
30.4
0.20
31.8
ECOG2VP153E( )
N
F
90
190
28.6
0.20
31.8
ECOG2VP153F( )
N
F
18000
90
222
33.6
0.20
31.8
ECOG2VP183F( )
N
F
3300
64
103
9.5
0.20
28.6
ECOG2GP332D( )
N
F
3900
64
125
11.0
0.20
28.6
ECOG2GP392D( )
N
F
4700
64
145
13.1
0.20
28.6
ECOG2GP472D( )
N
F
5600
64
168
15.1
0.20
28.6
ECOG2GP562D( )
N
F
77
125
14.6
0.20
31.8
ECOG2GP562E( )
N
F
6800
64
222
17.8
0.20
28.6
ECOG2GP682D( )
N
F
77
150
17.4
0.20
31.8
ECOG2GP682E( )
N
F
8200
77
168
20.3
0.20
31.8
ECOG2GP822E( )
N
F
90
125
18.0
0.20
31.8
ECOG2GP822F( )
N
F
10000
77
190
23.8
0.20
31.8
ECOG2GP103E( )
N
F
90
150
21.5
0.20
31.8
ECOG2GP103F( )
N
F
12000
77
222
27.0
0.20
31.8
ECOG2GP123E( )
N
F
90
168
24.9
0.20
31.8
ECOG2GP123F( )
N
F
15000
90
222
31.8
0.20
31.8
ECOG2GP153F( )
N
F
2700
64
103
8.6
0.20
28.6
ECOG2WP272D( )
N
F
3300
64
125
10.1
0.20
28.6
ECOG2WP332D( )
N
F
3900
64
145
11.9
0.20
28.6
ECOG2WP392D( )
N
F
4700
64
168
13.9
0.20
28.6
ECOG2WP472D( )
N
F
77
125
13.4
0.20
31.8
ECOG2WP472E( )
N
F
5600
64
222
16.1
0.20
28.6
ECOG2WP562D( )
N
F
77
150
15.8
0.20
31.8
ECOG2WP562E( )
N
F
6800
77
168
18.5
0.20
31.8
ECOG2WP682E( )
N
F
90
125
17.1
0.20
31.8
ECOG2WP682F( )
N
F
8200
77
190
21.6
0.20
31.8
ECOG2WP822E( )
N
F
90
150
18.8
0.20
31.8
ECOG2WP822F( )
N
F
10000
77
222
25.6
0.20
31.8
ECOG2WP103E( )
N
F
90
168
22.0
0.20
31.8
ECOG2WP103F( )
N
F
12000
90
222
27.5
0.20
31.8
ECOG2WP123F( )
N
F
D.F.
(120Hz)
(+20
°C)
Endurance : 160 to 250V.W. : 85
°C 2000 h
350 to 450V.W. : 85
°C 5000 h
Mar. 2005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com