Electronic Components Datasheet Search
  English  ▼

X  

SC174MLTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC174MLTRT
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174MLTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC174MLTRT Datasheet HTML 11Page - Semtech Corporation SC174MLTRT Datasheet HTML 12Page - Semtech Corporation SC174MLTRT Datasheet HTML 13Page - Semtech Corporation SC174MLTRT Datasheet HTML 14Page - Semtech Corporation SC174MLTRT Datasheet HTML 15Page - Semtech Corporation SC174MLTRT Datasheet HTML 16Page - Semtech Corporation SC174MLTRT Datasheet HTML 17Page - Semtech Corporation SC174MLTRT Datasheet HTML 18Page - Semtech Corporation SC174MLTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
© 2010 Semtech Corporation
below 2.7V.
Design Procedure
When designing a switch mode supply the input voltage
range, load current, switching frequency, and inductor
ripple current must be specified.
The maximum input voltage (V
INMAX) is the highest speci-
fied input voltage. The minimum input voltage ( V
INMIN) is
determined by the lowest input voltage after evaluating
the voltage drops due to connectors, fuses, switches, and
PCB traces.
The following parameters define the design.
Nominal output voltage (V
OUT)
Static or DC output tolerance
Transient response
Maximum load current (I
OUT)
There are two values of load current to evaluate — con-
tinuous load current and peak load current. Continuous
load current relates to thermal stresses which drive the
selection of the inductor and input capacitors. Peak load
current determines instantaneous component stresses and
filtering requirements such as inductor saturation, output
capacitors, and design of the current limit circuit.
The following values are used in this design.
V
IN = 5V + 10%
V
OUT = 1.0V + 4%
f
SW = 800kHz
Load = 4A maximum
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the
power conversion efficiency.
The desired switching frequency is 800kHz which results
from using components selected for optimum size and
cost .
A resistor (R
TON) is used to program the on-time (indirectly
•
•
•
•
•
•
•
•
Applications Information (continued)
setting the frequency) using the following equation.
Substituting R
TON results in the following solution.
R
TON=50kW, we use RTON=49.9kW in real application.
Inductor Selection
In order to determine the inductance, the ripple cur-
rent must first be defined. Low inductor values result in
smaller size but create higher ripple current which can
reduce efficiency. Higher inductor values will reduce the
ripple current/voltage and for a given DC resistance are
more efficient. However, larger inductance translates di-
rectly into larger packages and higher cost. Cost, size,
output ripple, and efficiency are all used in the selection
process.
The ripple current will also set the boundary for power-
save operation. The switching will typically enter power-
save mode when the load current decreases to 1/2 of the
ripple current. For example, if ripple current is 4A then
Power-save operation will typically start for loads less
than 2A. If ripple current is set at 40% of maximum load
current, then power-save will start for loads less than
20% of maximum current.
The inductor value is typically selected to provide a rip-
ple current that is between 25% to 50% of the maximum
load current. This provides an optimal trade-off between
cost, efficiency, and transient performance.
During the DH on-time, voltage across the inductor is
(V
IN - VOUT).
The equation for determining inductance is
shown next.
RIPPLE
ON
OUT
IN
I
T
)
V
-
(V
L
×
=
SW
TON
f
25pF
1
R
⋅
=
SW
INMAX
OUT
ON
f
V
V
T
⋅
=
15
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com