Electronic Components Datasheet Search
  English  ▼

X  

SC174EVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC174EVB
Description  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174EVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC174EVB Datasheet HTML 10Page - Semtech Corporation SC174EVB Datasheet HTML 11Page - Semtech Corporation SC174EVB Datasheet HTML 12Page - Semtech Corporation SC174EVB Datasheet HTML 13Page - Semtech Corporation SC174EVB Datasheet HTML 14Page - Semtech Corporation SC174EVB Datasheet HTML 15Page - Semtech Corporation SC174EVB Datasheet HTML 16Page - Semtech Corporation SC174EVB Datasheet HTML 17Page - Semtech Corporation SC174EVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
© 2010 Semtech Corporation
Figure 7 — Valley Current Limit
Setting the valley current limit to a value of I
LIM results
in a peak inductor current of ILIM plus the peak-to-peak
ripple current. In this situation, the average (load) current
through the inductor will be I
LIM plus one half the peak-
to-peak ripple current.
Soft start of PWM Regulator
Soft start is achieved in the PWM regulator by using
an internal voltage ramp as the reference for the FB
comparator. The voltage ramp is generated using an
internal charge pump which drives the reference from
zero to 750mV in ~1.8mV increments, using an internal
~500kHz oscillator. When the ramp voltage reaches
750mV, the ramp is ignored and the FB comparator
switches over to a fixed 750mV threshold. During soft start
the output voltage tracks the internal ramp, which limits
the start-up inrush current and provides a controlled soft
start profile for a wide range of applications. Typical soft
start ramp time is 0.85ms.
Applications Information (continued)
Time
IPEAK
ILOAD
ILIM
During soft start the regulator turns off the low-side
MOSFET on any cycle if the inductor current falls to zero.
This prevents negative inductor current, allowing the
device to start into a pre-biased output. This soft start
operation is implemented even if FCM is selected. FCM
operation is allowed only after PGOOD is high.
Power Good Output
The power good (PGOOD) output is an open-drain output
which requires a pull-up resistor. When the output volt-
age is 10% below the nominal voltage, PGOOD is pulled
low. It is held low until the output voltage returns to the
nominal voltage. PGOOD is held low during soft start and
activated approximately 1ms after V
OUT reaches regula-
tion. The total PGOOD delay is typically 2ms.
PGOOD will transition low if the V
FB pin exceeds +20% of
nominal, which is also the over-voltage shutdown thresh-
old (900mV). PGOOD also pulls low if the EN/PSV pin is
low when VDD is present.
Output Over-Voltage Protection
Over-Voltage Protection (OVP) becomes active as soon
as the device is enabled. The threshold is set at 750mV +
20% (900mV). When V
FB exceeds the OVP threshold, DL
latches high and the low-side MOSFET is turned on. DL
remains high and the controller remains off, until the EN/
PSV input is toggled or VDD is cycled. There is a 5μs delay
built into the OVP detector to prevent false transitions.
PGOOD is also low after an OVP event.
Output Under-Voltage Protection
When V
FB falls to 75% of its nominal voltage (falls to
562.5mV) for eight consecutive clock cycles, the switcher
is shut off and the DH and DL drives are pulled low to turn
off the MOSFETs. The controller stays off until EN/PSV is
toggled or VDD is cycled.
VDD UVLO, and POR
Under-Voltage Lock-Out (UVLO) circuitry inhibits switch-
ing and tri-states the power FETs until VDD rises above
2.9V. An internal Power-On Reset (POR) occurs when
VDD exceeds 2.9V, which resets the fault latch and soft
start counter to begin the soft start cycle. The SC174 then
begins a soft start cycle. The PWM will shut off if VDD falls
14
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com