Electronic Components Datasheet Search
  English  ▼

X  

RF2189 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2189
Description  3V, 2.5GHZ LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2189 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2189 Datasheet HTML 1Page - RF Micro Devices RF2189 Datasheet HTML 2Page - RF Micro Devices RF2189 Datasheet HTML 3Page - RF Micro Devices RF2189 Datasheet HTML 4Page - RF Micro Devices RF2189 Datasheet HTML 5Page - RF Micro Devices RF2189 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
2-251
RF2189
Rev A4 010424
2
Pin
Function
Description
Interface Schematic
1GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
2GND
Same as pin 1.
3GND
Same as pin 1.
4NC
Not connected.
5NC
Not connected.
6RF IN
RF input. This input is DC coupled, so an external blocking capacitor is
required if this pin is connected to a DC path.
See pin 1.
7NC
Not connected.
8PC
Power control pin. For maximum power this pin should be 3.3V. A
higher voltage is not recommended. For less output power and reduced
idle current this voltage may be reduced.
9GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
10
NC
Not internally connected.
11
RF OUT
RF output and bias for the output stage. The power supply for the out-
put transistor needs to be supplied to this pin. This can be done
through a quarter-wave length microstrip line that is RF grounded at the
other end, or through an RF inductor that supports the required DC cur-
rents.
12
RF OUT
Same as pin 11.
See pin 11.
13
NC
Not connected.
14
VCC1
Power supply pin for the bias circuits. External low frequency bypass
capacitors should be connected if no other low frequency decoupling is
nearby.
See pin 5.
15
VCC2
Bias supply pin for the first stage. A small tuning capacitor is required to
set the desired frequency response. External low frequency bypass
capacitors should be connected as shown in the application schematic
if no other low frequency decoupling is nearby.
16
VCC2
Connected internally to pin 15.
See pin 15.
Pkg
Base
GND
Ground connection. The backside of the package should be connected
to the ground plane through a short path, i.e., vias under the device
may be required.
Seepin 1and 6.
PC
500
VCC1
To RF
Stages
RF OUT
RF IN
BIAS
VCC2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com