Electronic Components Datasheet Search
  English  ▼

X  

SC189 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC189
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189 Datasheet(HTML) 4 Page - Semtech Corporation

  SC189 Datasheet HTML 1Page - Semtech Corporation SC189 Datasheet HTML 2Page - Semtech Corporation SC189 Datasheet HTML 3Page - Semtech Corporation SC189 Datasheet HTML 4Page - Semtech Corporation SC189 Datasheet HTML 5Page - Semtech Corporation SC189 Datasheet HTML 6Page - Semtech Corporation SC189 Datasheet HTML 7Page - Semtech Corporation SC189 Datasheet HTML 8Page - Semtech Corporation SC189 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
4
SC189
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
EN Input Low Current
I
EN_LO
EN=GND
-2.0
2.0
µA
EN Input High Threshold
V
EN_HI
1.2
V
EN Input Low Threshold
V
EN_LO
0.4
V
VOUT Over Voltage Protection(2)
V
OVP
115
%
Thermal Shutdown Temperature (2)
T
SD
Junction Temperature
+160
°C
Thermal Shutdown Hysteresis (2)
T
SD_HYS
Junction Temperature
10
°C
Notes:
(1) The “Output Voltage Tolerance” includes output voltage accuracy, voltage drift over temperature and the line regulation.
(2) Guaranteed by design.
Unless specified: V
IN = 5.0V, CIN=10µF, COUT=10µF; L=2.2µH; -40°C<TA<+85 °C; TJ(MAX)=125°C; Unless otherwise noted typical values are TA=+25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com