Electronic Components Datasheet Search
  English  ▼

X  

SC185JEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC185JEVB
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185JEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC185JEVB Datasheet HTML 1Page - Semtech Corporation SC185JEVB Datasheet HTML 2Page - Semtech Corporation SC185JEVB Datasheet HTML 3Page - Semtech Corporation SC185JEVB Datasheet HTML 4Page - Semtech Corporation SC185JEVB Datasheet HTML 5Page - Semtech Corporation SC185JEVB Datasheet HTML 6Page - Semtech Corporation SC185JEVB Datasheet HTML 7Page - Semtech Corporation SC185JEVB Datasheet HTML 8Page - Semtech Corporation SC185JEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC185
© 2010 Semtech Corp.
Notes:
(10) The “Output Voltage Tolerance” includes output voltage accuracy, voltage drift over temperature and the line regulation.
(11) A negative current means the current flows into the pin and a positive current means the current flows out from the pin.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Impedence of PGOOD Low
R
PGOOD_LO
10
Ω
PGOOD Threshold
V
PG_TH
VOUT rising
90
%
PGOOD Delay
V
PG_DLY
Asserted
2
ms
PGOOD= Low
20
µs
EN Delay
t
EN_DLY
From EN Input High to SS starts rising
50
µs
EN Input Current(11)
I
EN_
EN =AVIN or AGND
-2.0
2.0
µA
EN Input High Threshold
V
EN_HI
1.2
V
EN Input Low Threshold
V
EN_LO
0.4
V
MODE Input Current(11)
I
MODE_
MODE= AVIN or AGND
-2.0
2.0
µA
MODE Input High Threshold
V
MODE_HI
1.2
V
MODE Input Low Threshold
V
MODE_LO
0.4
V
V
OUT Over Voltage Protection
V
OVP
110
115
120
%
Thermal Shutdown Temperature
T
SD
160
°C
Thermal Shutdown Hysteresis
T
SD_HYS
10
°C
Electrical Characteristics (continued)
www.semtech.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com