Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC195_10 Datasheet HTML 12Page - Semtech Corporation SC195_10 Datasheet HTML 13Page - Semtech Corporation SC195_10 Datasheet HTML 14Page - Semtech Corporation SC195_10 Datasheet HTML 15Page - Semtech Corporation SC195_10 Datasheet HTML 16Page - Semtech Corporation SC195_10 Datasheet HTML 17Page - Semtech Corporation SC195_10 Datasheet HTML 18Page - Semtech Corporation SC195_10 Datasheet HTML 19Page - Semtech Corporation SC195_10 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SC195
19
Land Pattern — MLPQ-UT8
INCHES
DIMENSIONS
P
Z
X
Y
C
G
DIM
MILLIMETERS
R
.004
0.10
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
Y
X
G
Z
(G) (Z)
2X (C)
R
P
.030
.087
(.057)
.028
0.75
2.20
(1.45)
0.70
0.20
0.40
.016
.008
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com