Electronic Components Datasheet Search
  English  ▼

X  

RF2196 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2196
Description  3V PCS LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2196 Datasheet HTML 1Page - RF Micro Devices RF2196 Datasheet HTML 2Page - RF Micro Devices RF2196 Datasheet HTML 3Page - RF Micro Devices RF2196 Datasheet HTML 4Page - RF Micro Devices RF2196 Datasheet HTML 5Page - RF Micro Devices RF2196 Datasheet HTML 6Page - RF Micro Devices RF2196 Datasheet HTML 7Page - RF Micro Devices RF2196 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
2-208
RF2196
Rev A0 010518
2
Evaluation Board Schematic
US - CDMA
15
16
1
2
3
4
12
11
10
9
8
7
6
5
14
13
C24
3.6 pF
C5
15 pF
RF IN
C1**
4.7 pF
C14**
2.2 pF
C3
15 pF
RF OUT
L1*
2.5 nH
C7
2.2 pF
C4
15 pF
C28
10 nF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
Pins 1 and 9 are internally grounded to the die flag.
TL
1
TL
2
C27
15 pF
R12
Jumper
P2
R1
1k
P3
L4
12 nH
C13
15 pF
R11
Jumper
C6
15 pF
P1
C30
11 pF
L2
Ferrite
10
C8
10 nF
TL
3
C2
4.7 uF
Transmission
Line Length
CDMA (US)
TL
3
15 mils
TL
2
140 mils
TL
1
30 mils
P3
VMODE
P1
1
P1
VCC
P1
1
P2
VREG
P1
1
P4
GND
P1
1
C26
1uF +
C25
1uF
+
TL4
CDMA (US)
Board
C30 (pF)
11
C1 (pF)
4.7
L1 (nH)
2.5
C14 (pF)
2.2
TL
4
200 mils



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com