Electronic Components Datasheet Search
  English  ▼

X  

SC403MLTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC403MLTRT
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403MLTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC403MLTRT Datasheet HTML 8Page - Semtech Corporation SC403MLTRT Datasheet HTML 9Page - Semtech Corporation SC403MLTRT Datasheet HTML 10Page - Semtech Corporation SC403MLTRT Datasheet HTML 11Page - Semtech Corporation SC403MLTRT Datasheet HTML 12Page - Semtech Corporation SC403MLTRT Datasheet HTML 13Page - Semtech Corporation SC403MLTRT Datasheet HTML 14Page - Semtech Corporation SC403MLTRT Datasheet HTML 15Page - Semtech Corporation SC403MLTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SC403
12
Typical Characteristics (continued)
Characteristics in this section are based on using the applicable Detailed Application Circuit.
Transient Response
Time (40µs/div)
(10mV/div)
(50mV/div)
(5A/div)
V
IN = 12V, VOUT = 1.5V, IOUT = 0A to 7A, VLDO = VDD = EN/PSV= ENL = 3.3V
Output Over-current Response — Normal Operation
Time (100µs/div)
(500mV/div)
(10V/div)
(5A/div)
(5V/div)
V
IN = 12V, VOUT = 1.5V, VLDO = VDD = ENL = 3.3V, EN/PSV= floating; IOUT ramped to trip point
Output Under-voltage Response — Normal Operation
Time (100µs/div)
(500mV/div)
(10V/div)
(5V/div)
V
IN = 12V, VOUT = 1.5V, IOUT = 0A, VLDO = VDD = ENL = 3.3V, floating EN/PSV
Shorted Output Response — Soft-start Operation
Time (400µs/div)
(1V/div)
(5V/div)
(10A/div)
(5V/div)
V
IN = 12V, VOUT = 1.5V, IOUT = 0A, VLDO = VDD = EN/PSV= ENL = 3.3V
Shorted Output Response — Normal Operation
Time (40µs/div)
(1V/div)
(10V/div)
(10A/div)
(5V/div)
V
IN = 12V, VOUT = 1.5V, VLDO = VDD = ENL = 3.3V, EN/P5V is floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com