Electronic Components Datasheet Search
  English  ▼

X  

SC412A Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC412A Datasheet HTML 10Page - Semtech Corporation SC412A Datasheet HTML 11Page - Semtech Corporation SC412A Datasheet HTML 12Page - Semtech Corporation SC412A Datasheet HTML 13Page - Semtech Corporation SC412A Datasheet HTML 14Page - Semtech Corporation SC412A Datasheet HTML 15Page - Semtech Corporation SC412A Datasheet HTML 16Page - Semtech Corporation SC412A Datasheet HTML 17Page - Semtech Corporation SC412A Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Layout Guidelines (continued)
SC412A ESR Requirements
The constant on-time control used in the SC412A regulates
the valley of the output ripple voltage. This signal consists of
a term generated by the output ESR of the capacitor and a
term based on the increase in voltage across the capacitor
due to charging and discharging during the switching cycle.
The minimum ESR is set to generate the required ripple
voltage for regulation. For most applications the minimum
ESR ripple voltage is dominated by PCB layout and the
properties of SP or POSCAP type output capacitors. For
applications using ceramic output capacitors, the absolute
minimum ESR must be considered. If the ESR is low enough
the ripple voltage is dominated by the charging of the output
capacitor. This ripple voltage lags the on-time due to the
LC poles and can cause double pulsing if the phase delay
exceeds the off-time of the converter. To prevent double
pulsing, the ripple voltage present at the FB pin should be
10-15mV minimum over the on-time interval.
Dropout Performance
The output voltage adjust range for continuous-conduction
operation is limited by the fixed 350nS (typical) Minimum
Off-time One-shot. When working with low input voltages,
the duty-factor limit must be calculated using worst-case
values for on and off times.
The IC duty-factor limitation is given by:
T
ON(MIN)
DUTY = ————————
T
ON(MIN) + TOFF(MAX)
Be sure to include inductor resistance and MOSFET on-
state voltage drops when performing worst-case dropout
duty-factor calculations.
SC412A System DC Accuracy (VOUT Controller)
Three factors affect VOUT accuracy: the trip point of the
FB error comparator, the switching frequency variation
with line and load, and the external resistor tolerance. The
error comparator offset is trimmed so that it trips when the
feedback pin is 0.75V, 1%.
The on-time pulse in the SC412A is calculated to give a
pseudo-fixed frequency of 325kHz. Nevertheless, some
frequency variation with line and load is expected. This
variation changes the output ripple voltage. Because con-
stant on-time converters regulate to the valley of the output
ripple, ½ of the output ripple appears as a DC regulation
error. For example, If the output ripple is 50mV with VIN =
6 volts, then the measured DC output will be 25mV above
the comparator trip point. If the ripple increases to 80mV
with VIN = 25 volts, then the measured DC output will be
40mV above the comparator trip. The best way to minimize
this effect is to minimize the output ripple.
To compensate for valley regulation it is often desirable
to use passive droop. Take the feedback directly from the
output side of the inductor, placing a small amount of trace
resistance between the inductor and output capacitor. This
trace resistance should be optimized so that at full load the
output droops to near the lower regulation limit. Passive
droop minimizes the required output capacitance because
the voltage excursions due to load steps are reduced.
The use of 1% feedback resistors contributes up to 1% er-
ror. If tighter DC accuracy is required use 0.1% resistors.
The output inductor value may change with current. This
will change the output ripple and thus the DC output volt-
age. The output ESR also affects the ripple and thus the
DC output voltage.
Switching Frequency Variations
The switching frequency will vary somewhat due to line and
load conditions. The line variations are a result of a fixed
offset in the on-time one-shot, as well as unavoidable delays
in the external MOSFET switching. As VBAT increases, these
factors make the actual DH on-time slightly longer than the
idealized on-time. The net effect is that frequency tends
to falls slightly as with increasing input voltage.
The load variations are due to losses in the power train
due to IR drop and switching losses. For a conventional
PWM constant-frequency topology, as load increases the
duty cycle also increases slightly to compensate for IR and
switching losses in the MOSFETs and inductor. A constant
on-time topology must also overcome the same losses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com