Electronic Components Datasheet Search
  English  ▼

X  

SC414 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 13Page - Semtech Corporation SC414 Datasheet HTML 14Page - Semtech Corporation SC414 Datasheet HTML 15Page - Semtech Corporation SC414 Datasheet HTML 16Page - Semtech Corporation SC414 Datasheet HTML 17Page - Semtech Corporation SC414 Datasheet HTML 18Page - Semtech Corporation SC414 Datasheet HTML 19Page - Semtech Corporation SC414 Datasheet HTML 20Page - Semtech Corporation SC414 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SC414/SC424
17
Because the on-times are forced to occur at intervals no
greater than 40μs, the frequency will not fall far below
25kHz. Figure 5 shows ultrasonic power-save operation.
FB Ripple
Voltage (VFB)
FB threshold
(750mV)
Inductor
Current
DH
DL
(0A)
40μs time-out
minimum fSW ~ 25kHz
After the 40μsec time-out, DL drives high if VFB
has not reached the FB threshold.
DH On-time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
Figure 5 — Ultrasonic Power-save Operation
Power-save Mode Operation (SC424)
The SC424 provides power-save operation at light loads
with no minimum operating frequency. With power-save
enabled, the internal zero crossing comparator monitors
the inductor current via the voltage across the low-side
MOSFET during the off-time. If the inductor current falls to
zero for 8 consecutive switching cycles, the controller
enters power-save operation. It will turn off the low-side
MOSFET on each subsequent cycle provided that the
current crosses zero. At this time both MOSFETs remain
off until V
FB
drops to the 750mV threshold. Because the
MOSFETs are off, the load is supplied by the output capaci-
tor. If the inductor current does not reach zero on any
switching cycle, the controller immediately exits power-
save and returns to forced continuous mode. Figure 6
shows power-save operation at light loads.
FB Ripple
Voltage
(VFB)
FB threshold
DL
DH
Inductor
Current
Zero (0A)
DH On-time is triggered when
VFB reaches the FB Threshold.
(750mV)
On-time (TON)
DL drives high when on-time is completed.
DL remains high until inductor current reaches zero.
Dead time varies
according to load
Figure 6 — Power-save Operation
Smart Power-save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power-save enabled, this can force V
OUT
to slowly rise and
reach the over-voltage threshold, resulting in a hard shut-
down. Smart power-save prevents this condition. When
the FB voltage exceeds 10% above nominal (exceeds
825mV), the device immediately disables power-save, and
DL drives high to turn on the low-side MOSFET. This draws
current from V
OUT
through the inductor and causes V
OUT
to
fall. When V
FB
drops back to the 750mV trip point, a normal
T
ON
switching cycle begins. This method prevents a hard
OVP shutdown and also cycles energy from V
OUT
back to
V
IN
. It also minimizes operating power by avoiding forced
conduction mode operation. Figure 7 shows typical wave-
forms for the Smart Power-save feature.
SmartDriveTM
For each DH pulse, the DH driver initially turns on the
high-side MOSFET at a slower speed, allowing a softer,
smooth turn-off of the low-side diode. Once the DH node
is high and the LX voltage has risen 1V above PGND, the
SmartDrive circuit automatically drives the high-side
MOSFET on at a rapid rate. This technique reduces ringing
while maintaining high efficiency and also avoids the
need for snubbers or series resistors in the gate drive.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com