Electronic Components Datasheet Search
  English  ▼

X  

RF2301PCBA Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2301PCBA
Description  HIGH ISOLATION BUFFER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2301PCBA Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2301PCBA Datasheet HTML 2Page - RF Micro Devices RF2301PCBA Datasheet HTML 3Page - RF Micro Devices RF2301PCBA Datasheet HTML 4Page - RF Micro Devices RF2301PCBA Datasheet HTML 5Page - RF Micro Devices RF2301PCBA Datasheet HTML 6Page - RF Micro Devices RF2301PCBA Datasheet HTML 7Page - RF Micro Devices RF2301PCBA Datasheet HTML 8Page - RF Micro Devices RF2301PCBA Datasheet HTML 9Page - RF Micro Devices RF2301PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-46
RF2301
Rev A8 010717
4
Gain versus Temperature
Freq = 2450 MHz
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
IIP3 versus Temperature
Freq = 2450 MHz
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
OP1dB versus Temperature
Freq = 2450 MHz
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
ICC versus Temperature
Freq = 2450 MHz
21.0
22.0
23.0
24.0
25.0
26.0
27.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
S22 of Evaluation Board versus Frequency
Temperature = +25°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
Frequency (MHz)
Vcc=3.0V
Vcc=5.0V
S11 of Evaluation Board versus Frequency
Temperature = +25°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0.0
500.0
1000.0
1500.0
2000.0
2500.0
Frequency (MHz)
Vcc=3V
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com