Electronic Components Datasheet Search
  English  ▼

X  

SC189AEVB-2 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC189AEVB-2
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189AEVB-2 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC189AEVB-2 Datasheet HTML 7Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 8Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 9Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 10Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 11Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 12Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 13Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 14Page - Semtech Corporation SC189AEVB-2 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
11
SC189
Output Voltage Ripple (V
OUT=3.3V)
Transient Response (V
OUT=3.3V; 0A to 0.5A)
Start Up (Enable)(V
OUT=3.3V)
Output Voltage Ripple (V
OUT=3.3V)
Transient Response (V
OUT=3.3V; 0.5A to 1.0A)
Start Up (Enable)(V
OUT=3.3V)
VOUT
10mV/div
VLX
2V/div
ILX
500mA/div
500ns/div
Output Voltage Ripple (VOUT=3.3V)
VIN=5.0V
IOUT=0A
V
OUT
100mV/div
I
OUT
500mA/div
50µs/div
Transient Response (VOUT=3.3V)
VIN=5.0V
IOUT=0A to 0.5A
V
OUT
1V/div
200µs/div
Start Up (V
OUT=3.3V)
V
IN=5.0V
R
OUT=1k
V
EN
2V/div
V
IN
5V/div
VOUT
10mV/div
VLX
2V/div
ILX
500mA/div
500ns/div
Output Voltage Ripple (VOUT=3.3V)
VIN=5.0V
IOUT=1.5A
V
OUT
100mV/div
I
OUT
500mA/div
50µs/div
Transient Response (VOUT=3.3V)
VIN=5.0V
IOUT=0.5A to 1A
V
OUT
1V/div
200µs/div
Start Up (V
OUT=3.3V)
V
EN
2V/div
V
IN
5V/div
V
IN=5.0V
R
OUT=2.2
Typical Waveforms (continued)
Circuit Conditions: V
OUT=3.3V (SC189ZULTRT); L= 2.2uH (TOKO: 1071AS-2R2); CIN= COUT= 10uF/6.3V (Murata: GRM21BR60J106K).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com