Electronic Components Datasheet Search
  English  ▼

X  

SC443 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC443
Description  High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC443 Datasheet(HTML) 1 Page - Semtech Corporation

  SC443 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER MANAGEMENT
January 21, 2009
1
High Efficiency Integrated Boost Driver
for 3-Strings of 30mA LEDs
SC443
www.semtech.com
Typical Application Circuit
Features
Wide input voltage range from 4.5V to 27V
42V maximum operating output voltage
Programmable LED current for up to 30mA per
string
+/- 1% typical string-to-string current matching
Greater than 90% efficiency
Wide 0.4% to 100% PWM dimming range
Integrated 1A power switch
Programmable switching frequency for small size
Low current sense voltage for high efficiency
Adjustable OVP for cost-effective output cap
selection
LED open circuit protection
Thermal protection with auto-recovery
3mm × 3mm ×0.6mm MLP-UT-16 lead-free package
(WEEE and RoHS compliant)
Applications
Small to Medium Size LCD Panel
Notebook Display
White LED Power Supplies
Sub-Notebook and Tablet Computer Displays
Portable Media Players
LCD Monitors
Digital Video Cameras
Description
The SC443 is a high-efficiency multiple string WLED driver
with an integrated boost converter. It operates over a wide
input range from 4.5V to 27V with a maximum output
voltage of 42V and a 1A internal power switch.
It can drive 3 strings with current up to 30mA per string.
The string-to-string current matching is within, typically,
1% and the overall efficiency is greater than 90% due
to the low current sense voltage and a low-impedance
internal power switch. The wide PWM dimming range
boasts a ratio of 250: 1.
The programmable switching frequency enables the
user to optimize the external component sizes for high
efficiency. When there are fewer LEDs in each string, users
can use a lower output voltage protection level which
yields an allowable reduction in associated costs, size
and voltage ratings of the output capacitor.
The SC443 also features an open circuit LED protection
function. It disables the corresponding strings with LED
open while keeping other strings under normal operation.
This feature allows LCD panels to remain viewable even
under LED failure and wire disconnectons. The internal
thermal shutdown protects the IC from overheating at
abnormal conditions. The SC443 is available in a 3mm
× 3mm × 0.6mm MLP-UT 16 Lead-free package.
SC443
3
Enable
Dimming
VOUT
SS
PGND
FSET
IOSET
IO1 3
OVPIN
IOGND
PWM
AGND
VIN
EN
-
COMP
OVPIN
VIN
SW
AGND


Similar Part No. - SC443

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4431 SEMTECH-SC4431 Datasheet
51Kb / 5P
SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
SC4431 SEMTECH-SC4431 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
SC4431CSK-0.5TR SEMTECH-SC4431CSK-0.5TR Datasheet
51Kb / 5P
SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
SC4431CSK-1TR SEMTECH-SC4431CSK-1TR Datasheet
51Kb / 5P
SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
SC4431CSK-2TR SEMTECH-SC4431CSK-2TR Datasheet
51Kb / 5P
SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
More results

Similar Description - SC443

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC440 SEMTECH-SC440 Datasheet
66Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC440A SEMTECH-SC440A Datasheet
390Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC441C SEMTECH-SC441C Datasheet
51Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC446 SEMTECH-SC446 Datasheet
48Kb / 1P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
SC441D SEMTECH-SC441D Datasheet
1Mb / 21P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Semtech Corporation
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com