Electronic Components Datasheet Search
  English  ▼

X  

RF2308 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2308
Description  GENERAL PURPOSE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2308 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2308 Datasheet HTML 1Page - RF Micro Devices RF2308 Datasheet HTML 2Page - RF Micro Devices RF2308 Datasheet HTML 3Page - RF Micro Devices RF2308 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-74
RF2308
Rev B2 010228
4
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Layout
Uses same board as RF2306
1.27” x 1.02”
1
2
3
4
8
7
6
5
C2
100 pF
R1
27
Ω
C3
100 pF
C4
10 nF
L1
47 nH
C1
100 pF
SMA
J2
P1-3
RF OUT
(50
Ω)
SMA
J1
RF IN
(50
Ω)
NC
P1-3
P1
VCC
GND
1
2
3
2308400 Rev B
50
Ωµstrip
50
Ωµstrip



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com