Electronic Components Datasheet Search
  English  ▼

X  

B43255 Datasheet(PDF) 6 Page - EPCOS

Part # B43255
Description  Alu-X product lines Snap-in capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43255 Datasheet(HTML) 6 Page - EPCOS

  B43255 Datasheet HTML 1Page - EPCOS B43255 Datasheet HTML 2Page - EPCOS B43255 Datasheet HTML 3Page - EPCOS B43255 Datasheet HTML 4Page - EPCOS B43255 Datasheet HTML 5Page - EPCOS B43255 Datasheet HTML 6Page - EPCOS B43255 Datasheet HTML 7Page - EPCOS B43255 Datasheet HTML 8Page - EPCOS B43255 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Snap-in capacitors
B43255
Long life – 105
°C
6
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
350
82
22
× 25
0.48
B43255A4826M000
100
25.4
× 25
0.59
B43255A4107M000
120
25.4
× 30
0.68
B43255A4127M000
150
25.4
× 30
0.76
B43255A4157M000
180
25.4
× 35
0.88
B43255A4187M000
220
30
× 35
1.06
B43255A4227M000
270
30
× 40
1.23
B43255A4277M000
330
35
× 35
1.40
B43255A4337M000
390
35
× 40
1.59
B43255A4397M000
470
35
× 45
1.82
B43255A4477M000
560
35
× 50
2.06
B43255A4567M000
400
56
22
× 25
0.40
B43255A9566M000
68
25.4
× 25
0.48
B43255A9686M000
82
25.4
× 25
0.53
B43255A9826M000
100
25.4
× 30
0.62
B43255A9107M000
120
30
× 25
0.70
B43255A9127M000
150
30
× 30
0.83
B43255A9157M000
180
35
× 30
0.98
B43255A9187M000
220
35
× 30
1.08
B43255A9227M000
270
35
× 35
1.26
B43255A9277M000
330
35
× 40
1.46
B43255A9337M000
390
35
× 45
1.66
B43255A9397M000
470
35
× 50
1.89
B43255A9477M000
450
47
22
× 30
0.39
B43255A5476M000
56
25.4
× 25
0.44
B43255A5566M000
68
25.4
× 30
0.51
B43255A5686M000
82
30
× 30
0.61
B43255A5826M000
100
30
× 30
0.68
B43255A5107M000
120
30
× 30
0.74
B43255A5127M000
150
35
× 30
0.90
B43255A5157M000
180
35
× 35
1.03
B43255A5187M000
220
35
× 40
1.19
B43255A5227M000
270
35
× 45
1.38
B43255A5277M000
330
35
× 50
1.58
B43255A5337M000
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B43255.book Seite 6 Mittwoch, 16. April 2008 1:56 13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com