Electronic Components Datasheet Search
  English  ▼

X  

GTL2000 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # GTL2000
Description  NXP bidirectional low-voltage translators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2000 Datasheet(HTML) 1 Page - NXP Semiconductors

  GTL2000 Datasheet HTML 1Page - NXP Semiconductors GTL2000 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headline
NXP bidirectional
low-voltage translators
GTL20xx
Key features
4
Nodirectionalcontrolrequiredfor
bidirectionalvoltagetranslations
4
LowRONresistance(6.5
Ω)between
inputandoutputpins(Sn/Dn)
4
Propagationdelay:1.5ns(typ)
4
Channeloff-statecapacitance:7.5pF
4
Verylow(5µA)standbycurrent
4
Nopowersupplyrequired–prevents
latch-ups
4
VerysmallQFNpackageoptions
Applications
4
Uni-andbidirectionaltranslationfor
anyvoltagebetween1and5V
4
Bidirectionaltranslationoflow-
voltageandlegacyI2C-bussignals
4
ShiftingprocessorsidebandI/O
signalsbetweenGTLandLVTTL/TTL
levels
TheNXPfamilyofGunningTransceiver
Logic(GTL)bidirectionallow-voltage
translatorsincludesthe22-bitGTL2000,
the2-bitGTL2002,the8-bitGTL2003,
andthe10-bitGTL2010.
Eachdelivershigh-speedtranslation
betweendifferentvoltagelevelswith
lowON-stateresistanceandminimal
propagationdelay.
Theycantranslateanyvoltagebetween
1and5Vtoanyothervoltagebetween
1and5Vaslongasthereisatleast1V
differencebetweenthevoltagelevels,so
theyoffergreaterdesignflexibilitythan
level-shiftingbusswitches,whichonly
translatebetweenfixedvoltages.
EachGTL20xxdeviceincludesNMOS
passtransistors(SnandDnpins)witha
commongate(G
REFpin)andareference
transistor(S
REFandDREFpins).
WhenoneoftheSnorDnportsislow,
theclampisintheON-stateandtheSn
andDnportsarelinkedthroughalow
ON-resistanceconnection.Assumingthe
highervoltageisappliedontheDnport,
whentheDnportishigh,thevoltageon
theSnportislimitedtothevoltageset
byS
REF.WhentheSnportishigh,theDn
portispulledtoahighervoltagebya
pull-upresistor.
Thisset-upenablesseamlesstranslation
betweenuser-selectedvoltages,without
theneedfordirectionalcontrolsignals.
Alltransistorshavethesameelectrical
characteristicssodeviationfromone
outputtoanotherinvoltageand
propagationdelayiskepttoaminimum.
Thetransistorsalsoprovideexcellent
ESDprotectionincasethelow-voltage
devicesthatarelessresistanttoESD.
Thetranslatorscanbeusedinany
Low cost bidirectional voltage
translation without directional control
Unlikelevel-shiftingbusswitches,whichonlytranslatebetweenfixedvoltages,thesebidirectional
low-voltagetranslatorscantranslateanyvoltagebetween1and5Vtoanyothervoltagebetween
1and5V.TheyalsoreduceON-stateresistanceandminimizepropagationdelay.


Similar Part No. - GTL2000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
22-bit GTL processor voltage clamp
2000 Jan 25
GTL2000 PHILIPS-GTL2000 Datasheet
108Kb / 13P
22-bit bi-directional low voltage translator
2003 Apr 01
GTL2000 NXP-GTL2000 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
GTL2000DGG PHILIPS-GTL2000DGG Datasheet
108Kb / 13P
22-bit bi-directional low voltage translator
2003 Apr 01
GTL2000DL PHILIPS-GTL2000DL Datasheet
55Kb / 6P
22-bit GTL processor voltage clamp
2000 Jan 25
More results

Similar Description - GTL2000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
logo
NXP Semiconductors
AN10145 PHILIPS-AN10145 Datasheet
325Kb / 24P
Bi-directional low voltage translators
2004 Aug 11
logo
Analog Devices
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Analog Devices
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
Analog Devices
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com