Electronic Components Datasheet Search
  English  ▼

X  

LM201AD Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM201AD
Description  Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM201AD Datasheet(HTML) 1 Page - Motorola, Inc

  LM201AD Datasheet HTML 1Page - Motorola, Inc LM201AD Datasheet HTML 2Page - Motorola, Inc LM201AD Datasheet HTML 3Page - Motorola, Inc LM201AD Datasheet HTML 4Page - Motorola, Inc LM201AD Datasheet HTML 5Page - Motorola, Inc LM201AD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LM301A
LM201A
SEMICONDUCTOR
TECHNICAL DATA
OPERATIONAL AMPLIFIERS
Order this document by LM301A/D
Compensation
VCC
Output
Balance
VEE 4
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
Balance 1
2
3
8
7
6
5
Inputs
(Top View)
8
1
8
1
PIN CONNECTIONS
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
LM301AD
LM301AN
TA = – 25° to +85°C
SO–8
Plastic DIP
LM201AD
LM201AN
TA = 0° to +70°C
SO–8
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
Operational Amplifiers
A general purpose operational amplifier that allows the user to choose the
compensation capacitor best suited to his needs. With proper compensation,
summing amplifier slew rates to 10 V/
µs can be obtained.
• Low Input Offset Current: 20 nA Maximum Over Temperature Range
• External Frequency Compensation for Flexibility
• Class AB Output Provides Excellent Linearity
• Output Short Circuit Protection
• Guaranteed Drift Characteristics
Figure 1. Standard
Compensation and
Offset Balancing Circuit
Balance
VEE
VCC
Output
Inverting
Input
Balance
10 M
Ω
Freq
Compen
30 pF
VEE
20 k
+
Non–
Inverting
Input
5.1 M
Ω
VCC
VO
VUT
VI
VEE
VCC
VLT
VEE
MZ4622 or Equiv.
VO
VO = 4.8 V for
VLT ≤ VI ≤ VUT
VO = –0.4 V
VI < VLT or VI > VUT
(Pins Not Shown Are Not Connected)
+
Inputs
Balance
Compensation
VCC
Output
VEE
Balance
25
500
50
80 k
1.0 k
40 k
40 k
10 k
20 k
5 k
450
250
3.9 V
+
Figure 2. Double–Ended
Limit Detector
Figure 3. Representative Circuit Schematic
© Motorola, Inc. 1996
Rev 5


Similar Part No. - LM201AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM201AD STMICROELECTRONICS-LM201AD Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
ON Semiconductor
LM201AD ONSEMI-LM201AD Datasheet
94Kb / 8P
Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
LM201ADG ONSEMI-LM201ADG Datasheet
94Kb / 8P
Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
LM201ADG ONSEMI-LM201ADG Datasheet
167Kb / 7P
Non Compensated Single Operational Amplifiers
December, 2011 ??Rev. 11
LM201ADR2 ONSEMI-LM201ADR2 Datasheet
94Kb / 8P
Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
More results

Similar Description - LM201AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF347 ONSEMI-LF347 Datasheet
80Kb / 4P
Operational Amplifiers
March, 2002 ??Rev. 1
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com