Electronic Components Datasheet Search
  English  ▼

X  

RF2312PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2312PCBA
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2312PCBA Datasheet HTML 1Page - RF Micro Devices RF2312PCBA Datasheet HTML 2Page - RF Micro Devices RF2312PCBA Datasheet HTML 3Page - RF Micro Devices RF2312PCBA Datasheet HTML 4Page - RF Micro Devices RF2312PCBA Datasheet HTML 5Page - RF Micro Devices RF2312PCBA Datasheet HTML 6Page - RF Micro Devices RF2312PCBA Datasheet HTML 7Page - RF Micro Devices RF2312PCBA Datasheet HTML 8Page - RF Micro Devices RF2312PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3-5
RF2312
Rev C2 010813
3
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is NOT internally DC-blocked. A DC-blocking
capacitor, suitable for the frequency of operation, should be used in all
applications. The device has internal feedback, and not using a DC-
blocking capacitor will disable the temperature compensation.The bias
of the device can be controlled by this pin. Adding an optional 1k
resistor to ground on this pin reduces the bias level, which may be com-
pensated for by a higher supply voltage to maintain the appropriate
bias level. The net effect of this is an increased output power capability,
as well as higher linearity for signals with high crest factors. DC-cou-
pling of the input is not allowed, because this will override the internal
feedback loop and cause temperature instability.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane. Each ground pin should
have a via to the ground plane.
3GND
Same as pin 2.
4GND
Same as pin 2.
5GND
Same as pin 2.
6GND
Same as pin 2.
7GND
Same as pin 2.
8RF OUT
RF output and bias pin. Because DC is present on this pin, a DC-block-
ing capacitor, suitable for the frequency of operation, should be used in
most applications. For biasing, an RF choke in series with a resistor is
needed. The value for the resistor RC is 30Ω (0.5W) for VCC=9V and
21
Ω for V
CC = 8 V. The DC voltage on this pin is typically 6.0 V with a
current of 100mA. In lower power applications the value of RC can be
increased to lower the current and VD on this pin.
RF OUT
RF IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com