Electronic Components Datasheet Search
  English  ▼

X  

RF2314 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2314
Description  GENERAL PURPOSE LOW NOISE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2314 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2314 Datasheet HTML 1Page - RF Micro Devices RF2314 Datasheet HTML 2Page - RF Micro Devices RF2314 Datasheet HTML 3Page - RF Micro Devices RF2314 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-88
RF2314
Rev A3 990216
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
8.0
V
Supply Current
32
mA
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=27 °C, VCC=3.0V, Freq=900MHz
Frequency Range
150 to >2500
MHz
NOTE: Lower frequencies can be obtained
with inductive coupling.
3.0V Performance
T=27 °C, VCC=3.0V, Freq=900MHz
Gain
12.9
dB
16.6
dB
Freq=150MHz
7.9
dB
Freq=1900MHz
Noise Figure
1.4
dB
Output IP3
+9.0
dBm
Output P1dB
-1.0
dBm
Input Return Loss
10
dB
Output Return Loss
17
dB
Isolation
20
dB
5.0V Performance
T=27 °C, VCC=5.0V, Freq=900MHz
Gain
14.2
dB
19.1
dB
Freq=150MHz
8.6
dB
Freq=1900MHz
Noise Figure
1.5
dB
Output IP3
+18.0
dBm
Output P1dB
+8.0
dBm
Input Return Loss
13
dB
Output Return Loss
28
dB
Isolation
20
dB
Power Supply
Operating Voltage
2.7 to 6.0
V
Operating Current
5.7
mA
VCC=3.0V
12.5
mA
VCC=5.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com