Electronic Components Datasheet Search
  English  ▼

X  

0469007.WR Datasheet(PDF) 3 Page - Littelfuse

Part # 0469007.WR
Description  Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0469007.WR Datasheet(HTML) 3 Page - Littelfuse

  0469007.WR Datasheet HTML 1Page - Littelfuse 0469007.WR Datasheet HTML 2Page - Littelfuse 0469007.WR Datasheet HTML 3Page - Littelfuse 0469007.WR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/469.html for current information.
Surface Mount Fuses
469 Series
Ceramic Fuse > 469 Series
Materials
Body: Advanced Ceramic
Terminations:
Element Cover Coating:
Moisture
Sensitivity Level
Solderability
Humidity Test
ESD Immunity
Resistance to
Solder Heat
Product Characteristics
Moisture Resistance
Thermal Shock
Mechanical Shock
Condition A
Vibration
MIL-STD-202, Method 201A
Vibration,
High Frequency
MIL-STD-202, Method 204D,
Condition D
Dissolution of
Metallization
Condition D
Terminal Strength
Dimensions
X
1.500
[0.059]
1.800
[0.071]
3.500
[0.138]
1.000
[0.039]
3.27 + 0.12/-0.25
[0.129 + 0.005/-0.010]
1.000 ± 0.200
[0.039 ± 0.008
1.63 + 0.1/-0.2
[0.064 + 0.004/-0.008]
0.900 ± 0.150
[0.035 ± 0.006]
0.520 ± 0.200
[0.020 ± 0.008]
Packaging
Part Marking System
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
8mm Tape and Reel
3000
WR
Part Numbering System
0469 008. W R
SERIES
AMP CODE
QUANTITY CODE
PACKING CODE
W = 3000 pcs
Amp Code
Marking Code
001.
H
1.25
J
01.5
K
002.
N
02.5
O
003.
P
03.5
R
004.
S
005.
T
006.
U
007.
W
008.
X



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com