Electronic Components Datasheet Search
  English  ▼

X  

B32335 Datasheet(PDF) 2 Page - EPCOS

Part # B32335
Description  Film Capacitors - AC Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32335 Datasheet(HTML) 2 Page - EPCOS

  B32335 Datasheet HTML 1Page - EPCOS B32335 Datasheet HTML 2Page - EPCOS B32335 Datasheet HTML 3Page - EPCOS B32335 Datasheet HTML 4Page - EPCOS B32335 Datasheet HTML 5Page - EPCOS B32335 Datasheet HTML 6Page - EPCOS B32335 Datasheet HTML 7Page - EPCOS B32335 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film Capacitors – AC Capacitors
B32335
Motor run capacitors
B32335 – Dual MotorCap™, 450 V
FC PC AC PM
January 2010
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Construction
Metallized polypropylene film
Aluminum can with plastic top
Soft polyurethane resin
Applications
For general sine wave applications,
mainly as motor run capacitor for air condition application
Features
Self-healing properties
Low dissipation factor
Highest safety level P2 to IEC 60252-1 2001-02
Overpressure disconnection device
High insulation resistance
EN 60335 compliance on request
Terminals
Single fast on 6.3 x 0.8 mm for FAN (F)
Double fast on 6.3 x 0.8 mm for HERM (H)
Quadruple fast on 6.3 x 0.8 Common (C)
Other terminations on request
Mounting parts
Threaded stud at bottom of can (M8, max. torque = 5 Nm) as option
Technical data and specifications
Reference standards
IEC 60252-1 2001-02
EN 60252 2001
UL 810
Life expectance to IEC 60252 2001
450 V: 10,000 h (class B)
Safety class according to IEC 60252-1 2001-02
P2
UL 810 file E 106388
Approved Component
10000 AFC protected up to 450 V
Rated capacitance CR
10+1 to 60+10µF
Tolerance
5%
Permitted capacitance
C/C
3 %
Rated voltage VR
450 V AC
Rated frequency fR
50 / 60 Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com