Electronic Components Datasheet Search
  English  ▼

X  

LM201AN Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM201AN
Description  Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM201AN Datasheet(HTML) 2 Page - Motorola, Inc

  LM201AN Datasheet HTML 1Page - Motorola, Inc LM201AN Datasheet HTML 2Page - Motorola, Inc LM201AN Datasheet HTML 3Page - Motorola, Inc LM201AN Datasheet HTML 4Page - Motorola, Inc LM201AN Datasheet HTML 5Page - Motorola, Inc LM201AN Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM301A LM201A
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Value
Rating
Symbol
LM201A
LM301A
Unit
Power Supply Voltage
VCC, VEE
±22
±18
Vdc
Input Differential Voltage
VID
±30
V
Input Common Mode Range (Note 1)
VICR
±15
V
Output Short Circuit Duration
tSC
Continuous
Power Dissipation (Package Limitation)
PD
Plastic Dual–In–Line Package
(LM201A/
625
625
mW
Derate above TA = +25°C
301A)
5.0
5.0
mW/
°C
Operating Ambient Temperature Range
TA
–25 to +85
0 to +70
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
NOTE: 1. For supply voltages less than
±15 V, the absolute maximum input voltage is equal to the supply voltage.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted.) Unless otherwise specified, these specifications apply for
supply voltages from
±5.0 V to ±20 V for the LM201A, and from ±5.0 V to ±15 V for the LM301A.
Ch
i i
Sb l
LM201A
LM301A
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 50 kΩ)
VIO
–
0.7
2.0
–
2.0
7.5
mV
Input Offset Current
IIO
–
1.5
10
–
3.0
50
nA
Input Bias Current
IIB
–
30
75
–
70
250
nA
Input Resistance
ri
1.5
4.0
–
0.5
2.0
–
M
Ω
Supply Current
ICC,IEE
mA
VCC/VEE = ± 20 V
–
1.8
3.0
–
–
–
VCC/VEE = ±15 V
–
–
–
–
1.8
3.0
Large Signal Voltage Gain
AV
50
160
–
25
160
–
V/mV
(VCC/VEE = ±15 V, VO = ±10 V, RL > 2.0 kΩ)
The following specifications apply over the operating temperature range.
Input Offset Voltage (RS ≤ 50 kΩ)
VIO
–
–
3.0
–
–
10
mV
Input Offset Current
IIO
–
–
20
–
–
70
nA
Avg Temperature Coefficient of Input Offset Voltage
∆VIO/∆T
–
3.0
15
–
6.0
30
µV/°C
TA(min) ≤ TA ≤ TA (max)
Avg Temperature Coefficient of Input Offset Current
∆IIO/∆T
nA/
°C
+25
°C ≤ TA ≤ TA (max)
–
0.01
0.1
–
0.01
0.3
TA(min) ≤ TA ≤ 25°C
–
0.02
0.2
–
0.02
0.6
Input Bias Current
IIB
–
–
100
–
–
300
nA
Large Signal Voltage Gain
AVOL
25
–
–
15
–
–
V/mV
(VCC/VEE = ±15 V, VO = ±10V, RL > 2.0 kΩ)
Input Voltage Range
VICR
V
VCC/VEE = ± 20 V
–15
–
+15
–
–
–
VCC/VEE = ±15 V
–
–
–
–12
–
+12
Common Mode Rejection (RS ≤ 50 kΩ)
CMR
80
96
–
70
90
–
dB
Supply Voltage Rejection (RS ≤ 50 kΩ)
PSR
80
96
–
70
96
–
dB
Output Voltage Swing
VO
±12
±14
–
±12
±14
–
V
(VCC/VEE = ±15 V, RL = ±10 kΩ, RL > 2.0 kΩ)
±10
±13
–
±10
±13
–
Supply Currents (TA = TA(max), VCC/VEE = ± 20 V)
ICC,IEE
–
1.2
2.5
–
–
–
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com