Electronic Components Datasheet Search
  English  ▼

X  

SC450 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC450
Description  Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC450 Datasheet(HTML) 1 Page - Semtech Corporation

  SC450 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
www.semtech.com
SC450
Portable IMVP-IV™ and IMVP4+™
Dual Phase Power Supply Controller
POWER MANAGEMENT
Revision: May 21, 2004
Description
Features
Applications
Typical Application Circuit
IMVP-IV™ and IMVP4+™ compliant single chip
solution
On chip CLK_ENABLE# and IMVP4_PWRGD outputs
Backward compatible with SC1476
High speed hysteretic controller
6 bit VID programmable output
Integrated drivers with soft high side turn-on
Programmable softstart
Programmable boot voltage
Programmable DeeperSleep voltage
Dynamic phase current matching
Under-voltage lockout on VccA
Over-voltage protection on CORE
Current Limit protection on CORE
Thermal protection
Powergood flag with blanking during VID or
DeeperSleep mode changes
Automatic powersave at light load
Slew rate limited DAC
TSSOP-38 package
The SC450 PowerStep IV™ IC is a single chip high-per-
formance Hysteretic PWM controller. With its integrated
SmartDriver™, it powers advanced IMVP-IV™ and
IMVP4+™ processors. The SC450 features extended Intel
Mobile Voltage Positioning (IMVP™) to increase battery
life by reducing the voltage at the processor when it is
heavily loaded. It directly supports Intel’s SpeedStep®
processors for even longer battery life. The SC450 fully
supports the Intel® Geyserville-III core voltage specifi-
cation. It provides direct “deeper sleep” mode and boot
voltage support. Automatic “power-save” is present to
prevent negative current flow in the low-side FET during
light loading conditions, saving even more power. The high
side driver initially turns on with a weak drive to reduce
ringing, EMI, and capacitive turn-on of the low side.
A 6-bit DAC, accurate to 0.85%, sets the output voltage
reference, and implements the 0.700V to 1.708V range
required by the processor. The hysteretic converter uses
a comparator without an error amplifier, and therefore
provides the fastest possible transient response, while
avoiding the stability issues inherent to classical PWM
controllers. The DAC is externally slew rate limited to mini-
mize transient currents and audible noise.
The SC450 operates from 3.3V and 5V. It also features
soft-start, an open-drain PWRGD signal with power-good
blanking, and an enable input. Programmable current
limiting shuts down the SC450 after 32 current limit
pulses. In addition, it comes in a space-saving TSSOP-
38 package.
SC1 474
D ualP hase
E x te nde d IMV P
CONT RO LLER
VID [4 :0 ]
Lo
+ V CORE
+V _IN
+V _ 5
0.600V -1 .75V
U p to 4 0 A
Exte nded
IMV P
Logic
PW M
Co ntro ller
Po w e r
C ontro l
Signa ls
Sm a rt
Drive r
VID
Mu ltiplexe r
Lo
Co
Sm a rt
Drive r
Rc s
Rc s
+V _ 3
+V _ V ID
VID
R egulator
Co ntro ller
SC1 474
D ualP hase
E x te nde d IMV P
CONT RO LLER
VID [4 :0 ]
Lo
+ V CORE
+V _IN
+V _ 5
0.600V -1 .75V
U p to 4 0 A
Exte nded
IMV P
Logic
PW M
Co ntro ller
Po w e r
C ontro l
Signa ls
Sm a rt
Drive r
VID
Mu ltiplexe r
Lo
Co
Sm a rt
Drive r
Rc s
Rc s
+V _ 3
+V _ V ID
VID
R egulator
Co ntro ller
VID[5:0]
VID[5:0]
VID[5:0]
VID[5:0]
VID[5:0]
Notebook and Laptop computers
Embedded applications
PowerStep IV™ and SmartDriver™ are trademarks of
Semtech Corporation.
Other trademarks or registered trademarks may be claimed
as the property of others.


Similar Part No. - SC450

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC450 SEMTECH-SC450 Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
SC4501 SEMTECH-SC4501 Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501EVB SEMTECH-SC4501EVB Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501MLTRT SEMTECH-SC4501MLTRT Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
SC4501MSETRT SEMTECH-SC4501MSETRT Datasheet
620Kb / 21P
2Amp, 2MHz Step-Up Switching Regulator with Soft-Start
More results

Similar Description - SC450

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
Portable IMVP-IV Dual Phase Power Supply Controller
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
Portable Pentium짰 Dual Phase Power Supply Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Semtech Corporation
SC450ITSTRT SEMTECH-SC450ITSTRT Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com