Electronic Components Datasheet Search
  English  ▼

X  

SC453 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC453_09 Datasheet HTML 15Page - Semtech Corporation SC453_09 Datasheet HTML 16Page - Semtech Corporation SC453_09 Datasheet HTML 17Page - Semtech Corporation SC453_09 Datasheet HTML 18Page - Semtech Corporation SC453_09 Datasheet HTML 19Page - Semtech Corporation SC453_09 Datasheet HTML 20Page - Semtech Corporation SC453_09 Datasheet HTML 21Page - Semtech Corporation SC453_09 Datasheet HTML 22Page - Semtech Corporation SC453_09 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Step 4 — BOOTV Design
The boot-up voltage for V
CORE
is set at 1.2V. For the SC453
typical application circuit, R3, R4, and R5 form a voltage
divider off V
REF
and are used to set the boot voltage. For
simplicity R
BOOT
: = R3 + R4.
VBOOT
1.2 V
:=
RHYS
1
1
R25
1
RBOOT
R5
+
+
:=
RBOOT
VBOOT R5
⋅
VREF
VBOOT
−
:=
Step 5 — Sleep Voltage Design
The sleep voltage is set at 0.750V nominally using the R3
- R4 - R5 divider.
VSLP
0.750 V
:=
R3, R4, and R5 are calculated using a matrix to solve the
simultaneous equations. R14 is set at 1M
Ω as a place-
holder:
R14
1000 K
Ω
:=
Mx
1
1
1
1
1
VSLP
1
−
VREF
VSLP
−
⋅
1
VBOOT
VREF
VBOOT
−
−
VSLP
1
−
VREF
VSLP
−
⋅
⎛
⎜
⎜
⎜
⎜
⎜
⎜
⎝
⎞
⎟
⎟
⎟
⎟
⎟
⎠
:=
Applications Information (Cont.)
From the standard 1% resistor value table, the following
values are chosen according to the calculation results.
R5 = 33.2K
Ω.
R4 = 30.1K
Ω
R3 = 49.9K
Ω
Step 6 — Current Limit Calculation
Setting the threshold for current limit is a relatively straight-
forward process. To do this the peak current calculation
is based on the maximum DC value plus the worst-case
ripple current. The following calculations apply for a single
phase. Worst-case ripple occurs at the highest input volt-
age. Since ripple is also inversely proportional to induc-
tance, it is recommended that the minimum inductance
value be used based on the manufacturer’s specified tol-
erance:
LLOW
L1 120 %
−
()
⋅
:=
LLOW
4.8
10
7
−
×
H
=
IRIPPLE_MAX
VINMAX VMAX_NL
−
()d
MIN
⋅
LLOW FS
⋅
:=
v
R14 RHYS
⋅
R14
RHYS
−
0
0
⎛⎜
⎜
⎜
⎜
⎜⎝
⎞
⎟
⎟
⎟
⎟⎠
:=
soln
lsolve Mx v
,
()
:=
soln
5.011
10
4
×
3.007
10
4
×
3.341
10
4
×
⎛
⎜
⎜
⎜
⎜
⎝
⎞
⎟
⎟
⎟
⎠
Ω
=
R4
3.007
10
4
×Ω
=
R4
010
(
) soln
⋅
:=
R5
3.341
10
4
×Ω
=
R5
001
(
) soln
⋅
:=
R3
100
(
) soln
⋅
:=
R3
5.011
10
4
×Ω
=
R3
VSLP
R4
R5
+
()
VREF
VSLP
−
⋅
:=
IRIPPLE_MAX
6.777 A
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com