Electronic Components Datasheet Search
  English  ▼

X  

SC618 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC618
Description  Charge Pump Flash LED Driver with Safety Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC618 Datasheet(HTML) 4 Page - Semtech Corporation

  SC618_08 Datasheet HTML 1Page - Semtech Corporation SC618_08 Datasheet HTML 2Page - Semtech Corporation SC618_08 Datasheet HTML 3Page - Semtech Corporation SC618_08 Datasheet HTML 4Page - Semtech Corporation SC618_08 Datasheet HTML 5Page - Semtech Corporation SC618_08 Datasheet HTML 6Page - Semtech Corporation SC618_08 Datasheet HTML 7Page - Semtech Corporation SC618_08 Datasheet HTML 8Page - Semtech Corporation SC618_08 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC618
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Flash Mode Pulse Duration(2)
t
FLASH
3.3V < V
IN
< 4.2V
I
OUT
= 500mA, V
OUT
> 2.8V
500
ms
Flash Mode Start-Up Time(2)
t
F-SU
t = 0 when FLASH goes high to
I
OUT
= 90% of final value
1ms
Flash Mode Safety Timer(2)
t
SAFE
FLASH high
0.90
1.25
s
Spotlight Mode
Start-Up Time(2,3)
t
S-SU
V
IN
= 4.2V, V
OUT
= 3.2V; t = 0 when CTRL goes high
to I
OUT
= 90% of final value
1ms
Oscillator Frequency
f
OSC
Device enabled
250
kHz
Oscillator Frequency Accuracy
Δf
OSC
-15
15
%
Short-Circuit Output
Current Limit
I
SC
Steady State with VOUT shorted to GND
600
mA
Input Current Limit
I
LIMIT
2x mode, 3.3V < V
IN
< 4.2V
2.1
A
2x mode, V
IN
= 3.7V, V
OUT
= 3.7V, T
A
= 25°C
1.38
1.53
Over-Temperature Protection(2)
T
OT
Rising threshold
150
°C
T
OT -HYS
Hysteresis
10
Logic Input High Threshold
V
IH
FLASH, CTRL
1.5
V
Logic Input Low Threshold
V
IL
FLASH, CTRL
0.4
V
Logic Input High Current
I
IH
FLASH
1
20
35
μA
CTRL
2
40
70
Logic Input Low Current
I
IL
FLASH, CTRL
0.1
2.0
μA
ISET Ripple Voltage
V
ISET(P-P)
Spotlight mode — I
OUT
= 200mA
25
mV
FLASH mode — I
OUT
= 500mA
100
Electrical Characteristics (continued)
Notes:
1)
V
OUT
required by the typical LED at this current.
2)
Guaranteed by design - not tested in production.
3)
If conditions force 2x mode operation, this start-up time will increase by approximately 32ms due to the timer that is enabled to ensure 2x
mode is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com