Electronic Components Datasheet Search
  English  ▼

X  

SC619 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC619
Description  Charge Pump Flash LED Driver with Safety Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC619 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC619 Datasheet HTML 5Page - Semtech Corporation SC619 Datasheet HTML 6Page - Semtech Corporation SC619 Datasheet HTML 7Page - Semtech Corporation SC619 Datasheet HTML 8Page - Semtech Corporation SC619 Datasheet HTML 9Page - Semtech Corporation SC619 Datasheet HTML 10Page - Semtech Corporation SC619 Datasheet HTML 11Page - Semtech Corporation SC619 Datasheet HTML 12Page - Semtech Corporation SC619 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC619
10
Applications Information (continued)
that the voltage on the ISET pin can no longer be main-
tained. After a 32ms delay (included to prevent false
transitions) the charge pump will convert to 2x mode.
After the charge pump switches from 1x mode to 2x
mode, the device remains in 2x mode until the part is
turned off. If the part is re-enabled in spotlight mode, it
will begin operation in 1x mode and determine the
appropriate mode of operation as previously described.
Protection Circuitry
The SC619 provides several protection features to safe-
guard the device from catastrophic failures. These features
include:
Input Over-Voltage Protection (IOVP)
Output Over-Voltage Protection (OVP)
Over-Temperature Protection (OTP)
Over-Current Protection (OCP)
Short-Circuit Current Protection (SCCP)
Input Over-Voltage Protection
IOVP is included to prevent operation at high input volt-
ages that could damage the device. The IOVP circuit
senses the input voltage and determines when the supply
exceeds 6V. Hysteresis is included in this circuit to avoid
chattering between states. When the voltage rises above
this threshold, the device is disabled until the input
voltage drops to a level within the specified range.
Output Over-Voltage Protection
Output OVP prevents the SC619 from generating an
output voltage that could damage other devices con-
nected to it such as load LEDs and bypass capacitors.
When the output voltage exceeds 5.5V, the OVP circuit
disables the charge pump until the voltage decreases to
a level within the acceptable range. This circuit allows the
device to drive LEDs with high forward voltages at a
reduced level without exceeding the output voltage
limits specified for the device.
Over-Temperature Protection
The OTP circuit prevents the device from overheating and
experiencing a catastrophic failure. When the junction
temperature exceeds 150°C the device is disabled. It
remains disabled until the junction temperature drops
below this threshold. Hysteresis is included to prevent
toggling between modes.
•
•
•
•
•
Over-Current Protection
When the SC619 is in 2x mode, the input current will be
approximately double the required output. When the
steady-state load requires the maximum current avail-
able in 2x mode, the OCP circuit prevents the device from
overheating from excessive power dissipation. This
feature protects the device when in 1x mode. The current
limit is set lower in the 1x mode due to lower current
requirements.
Short-Circuit Current Protection
SSCP is provided to limit the current that can be sourced
when the output is shorted to ground. When a short
circuit forces V
OUT
to drop below 2V, the SCCP detects the
condition and limits the output current.
Resistor Selection
The ISET resistor selection is critical in generating the
correct current. The value can be chosen to set the spot-
light mode current or the flash mode current, and the
two current settings are dependent on the same resistor.
It is recommended that the resistor be selected to match
the desired LED current for flash mode. This allows the
designer to set the SC619’s maximum current and select
the resistor package size necessary for the power dissi-
pation required in flash mode. The typical application
uses a 0.5Ω resistor to set a flash mode current of 500mA
and spotlight mode current of 100mA. A high precision
resistor should be used to ensure the specified accuracy
for LED current.
To avoid malfunction of the charge pump, it is recom-
mended that the resistance seen at the ISET pin remain
constant while the device is active (flash or spotlight
mode). Changing the resistance value or the load current
while the device is active could cause instability.
Capacitor Selection
The SC619 is designed to use low-ESR ceramic capacitors
for the input and output bypass capacitors as well as the
charge pump bucket capacitors. Ideal performance is
achieved when C1 is exactly equal to C2. It is recom-
mended that X5R or X7R ceramic capacitors be used for
best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com