Electronic Components Datasheet Search
  English  ▼

X  

SC620 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC620
Description  Octal LED Driver,General Purpose Current Sink With Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC620_09 Datasheet HTML 8Page - Semtech Corporation SC620_09 Datasheet HTML 9Page - Semtech Corporation SC620_09 Datasheet HTML 10Page - Semtech Corporation SC620_09 Datasheet HTML 11Page - Semtech Corporation SC620_09 Datasheet HTML 12Page - Semtech Corporation SC620_09 Datasheet HTML 13Page - Semtech Corporation SC620_09 Datasheet HTML 14Page - Semtech Corporation SC620_09 Datasheet HTML 15Page - Semtech Corporation SC620_09 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SC620
12
Backlighting Three LEDs of Any Color Combination
Plus Lens Voice Coil Drive and One GPO
This example uses the SC620 to drive 3 backlight LEDs,
plus a voice coil actuator for lens auto-focus and one
open-drain digital output. Independent outputs allow
these functions to be supported simultaneously. The V
IN
supply is typically single cell Li-Ion or 5.0V. V
IN
and the
LED anode voltage may be supplied by different sources.
The operating voltage limit of (V
IN
- 1.5V) at the sink pins
must be observed to achieve the specified accuracy of the
device.
SC620
IN
2
SCL
11
SDA
10
EN
3
GND
1
GND
4
GND
9
GND
12
ILED1
5
ILED2
6
ILED3
7
ILED4
8
ILED6
14
ILED8
16
ILED5
13
VLOGIC
1μF
SCL
SDA
EN
Main Panel
LED Backlighting
Lens Focusing
VBAT = 2.7V to 5.5V
VBAT
Voice
Coil
ILED7
15
GPO
Digital Output Expander
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com