Electronic Components Datasheet Search
  English  ▼

X  

SC620EVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC620EVB
Description  Octal LED Driver,General Purpose Current Sink With Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC620EVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC620EVB Datasheet HTML 10Page - Semtech Corporation SC620EVB Datasheet HTML 11Page - Semtech Corporation SC620EVB Datasheet HTML 12Page - Semtech Corporation SC620EVB Datasheet HTML 13Page - Semtech Corporation SC620EVB Datasheet HTML 14Page - Semtech Corporation SC620EVB Datasheet HTML 15Page - Semtech Corporation SC620EVB Datasheet HTML 16Page - Semtech Corporation SC620EVB Datasheet HTML 17Page - Semtech Corporation SC620EVB Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SC620
14
Register Map
SC620 Slave Address
Following a start condition, the bus master outputs the
address of the slave device. The 7 bit slave address for the
SC620 is 1110 000x. The eighth bit is the data direction bit
and also the least significant bit (LSB). E0h is used for a
write operation, and E1h is used for a read operation.
DEVICE ADDRESS
R/W
1110000
1/0
Dimming Control Register Description
The dimming control registers set the multiplier used to
determine the absolute current setting. Current setting for
each current sink is determined by multiplying the current
step size (as described in Table 1) by the decimal multiplier
in each dimming control register. For example, if the
current step size is set to 500μA and the L1 Dimming
Control Register bits (L1_5 through L1_0) are set to 010100
(20 decimal), then the output current for ILED1 is set to 20
x 500μA = 10mA. Note that the maximum current setting
occurs when the dimming control register bits are set to
110010 (50 decimal) - any bit combination larger than this
one will default to the maximum setting.
Address
D7
D6
D5
D4
D3
D2
D1
D0
Description
Default (1)
00h
L8_EN
1 = on
0 = off
L7_EN
1 = on
0 = off
L6_EN
1 = on
0 = off
L5_EN
1 = on
0 = off
L4_EN
1 = on
0 = off
L3_EN
1 = on
0 = off
L2_EN
1 = on
0 = off
L1_EN
1 = on
0 = off
LED on/off control
00h
01h
X
X
L1_5
L1_4
L1_3
L1_2
L1_1
L1_0
LED1 dimming control
01h
02h
XX
L2_5
L2_4
L2_3
L2_2
L2_1
L2_0
LED2 dimming control
01h
03h
XX
L3_5
L3_4
L3_3
L3_2
L3_1
L3_0
LED3 dimming control
01h
04h
XX
L4_5
L4_4
L4_3
L4_2
L4_1
L4_0
LED4 dimming control
01h
05h
XX
L5_5
L5_4
L5_3
L5_2
L5_1
L5_0
LED5 dimming control
01h
06h
XX
L6_5
L6_4
L6_3
L6_2
L6_1
L6_0
LED6 dimming control
01h
07h
XX
L7_5
L7_4
L7_3
L7_2
L7_1
L7_0
LED7 dimming control
01h
08h
XX
L8_5
L8_4
L8_3
L8_2
L8_1
L8_0
LED8 dimming control
01h
09h
XX
X
X
G4
G3
G2
G1
gain register
08h
Note
(1) Default value is the register contents immediately following a high transition at the enable pin.
Table 1 - Gain Setting Values (default = 1000)
G4
G3
G2
G1
Current Step
Size (μA)
0000
31.25
0001
62.5
0010
93.75
0011
125
0100
156.25
0101
187.5
0110
218.75
0111
250
1000
281.25
1001
312.5
1010
343.75
1011
375
1100
406.25
1101
437.5
1110
468.75
1111
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com