Electronic Components Datasheet Search
  English  ▼

X  

SC622A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC622A
Description  LED Light Management Unit Charge Pump, 400mA Flash LED,Dual LDOs,and I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622A Datasheet(HTML) 1 Page - Semtech Corporation

  SC622A Datasheet HTML 1Page - Semtech Corporation SC622A Datasheet HTML 2Page - Semtech Corporation SC622A Datasheet HTML 3Page - Semtech Corporation SC622A Datasheet HTML 4Page - Semtech Corporation SC622A Datasheet HTML 5Page - Semtech Corporation SC622A Datasheet HTML 6Page - Semtech Corporation SC622A Datasheet HTML 7Page - Semtech Corporation SC622A Datasheet HTML 8Page - Semtech Corporation SC622A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
POWER MANAGEMENT
1
SC622A
LED Light Management Unit
Charge Pump, 400mA Flash LED, Dual
LDOs, and I2C Interface
© 2009 Semtech Corporation
Features
Input supply voltage range — 3.0V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
Flash LED — 400mA max in flash mode, 250mA max
continuous for spotlight
Two programmable 200mA low-noise LDO regulators
Charge pump frequency — 250kHz
I2C compatible interface — up to 400kHz
External flash control pin to sync with camera
Optional 1s flash time out
Automatic sleep mode (flash off ) — I
Q
= 100μA
Low shutdown current — 0.1μA (typical)
Ultra-thin package — 3mm x 3mm x 0.6mm
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Cellular phone flash
PDA flash
Camera I/O and core power
Description
The SC622A is a high efficiency charge pump LED driver
using Semtech’s proprietary mAhXLifeTM technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The charge pump provides continuous or bursted current
to a flash LED using a dedicated flash driver current sink.
The load and supply conditions determine whether the
charge pump operates in 1x, 1.5x, or 2x mode. A flash-
timeout feature disables the flash if active for longer than
1 second. The SC622A also provides two low-dropout,
low-noise linear regulators for powering a camera module
or other peripheral circuits.
The SC622A uses an I2C compatible serial interface. The
interface controls all functions of the device, including
flash current and two LDO voltage outputs. The flash/
spotlight output is triggered via either the I2C interface or
a dedicated pin.
In sleep mode, the device reduces quiescent current to
100
μA while continuing to monitor the serial interface.
The two LDOs can be enabled when the device is in sleep
mode. Total current reduces to 0.1μA in shutdown.
SC622A
VIN
SDA
FLEN
BYP
AGND
PGND
VOUT
FL
CIN
2.2μF
LDO 1
LDO 2
1
C + C1- C2+ C2-
I2C Data
Flash Control
VLDO1 = 2.5V to 3.3V
VLDO2 = 1.5V to 1.8V
Enable Control
I2C Clock
SCL
EN
VBAT
CBYP
22nF
C1
2.2μF
C2
2.2μF
COUT
4.7μF
CLDO2
1μF
CLDO1
1μF
FLASH
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
October 19, 2009


Similar Part No. - SC622A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622AEVB SEMTECH-SC622AEVB Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622AULTRT SEMTECH-SC622AULTRT Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
More results

Similar Description - SC622A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC627A SEMTECH-SC627A Datasheet
380Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC627A SEMTECH-SC627A_09 Datasheet
321Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED,Dual LDOs, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com