Electronic Components Datasheet Search
  English  ▼

X  

RF2363 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2363
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2363 Datasheet HTML 1Page - RF Micro Devices RF2363 Datasheet HTML 2Page - RF Micro Devices RF2363 Datasheet HTML 3Page - RF Micro Devices RF2363 Datasheet HTML 4Page - RF Micro Devices RF2363 Datasheet HTML 5Page - RF Micro Devices RF2363 Datasheet HTML 6Page - RF Micro Devices RF2363 Datasheet HTML 7Page - RF Micro Devices RF2363 Datasheet HTML 8Page - RF Micro Devices RF2363 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
4-199
4
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
EN1
RF OUT2
GND
RF OUT1
EN2
RF IN2
GND
RF IN1
RF2363
DUAL-BAND 3V LOW NOISE AMPLIFIER
• GSM/DCS Dual-Band Handsets
• Cellular/PCS Dual-Band Handsets
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2363 is a dual-band Low Noise Amplifier
designed for use as a front-end for 950 MHz GSM/
1850 MHz DCS applications and may be used for dual-
band cellular/PCS applications. The 900MHz LNA is a
single-stage amplifier; the 1900MHz LNA is a 2-stage
amplifier. The part may also be tuned for applications in
other frequency bands. The device has an excellent com-
bination of low noise figure and high linearity at a very low
supply current. It is packaged in a very small industry
standard SOT 8-lead plastic package.
• Low Noise and High Intercept Point
•18dB Gain at 900MHz
•21dB Gain at 1900MHz
• Low Supply Current
• Single 2.5V to 5.0V Power Supply
• Very Small SOT-23-8 Plastic Package
RF2363
Dual-Band 3V Low Noise Amplifier
RF2363 PCBA
Fully Assembled Evaluation Board
4
Rev B2 010129
0.127
3°MAX
0°MIN
0.55
0.35
0.365
1.59
1.61
3.00
2.60
3.00
2.80
0.650
0.15
0.05
1.44
1.04
*When Pin 1 is in upper
left, text reads downward
(as shown).
Package Style: SOT, 8-Lead


Similar Part No. - RF2363

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363 Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363PCBA RFMD-RF2363PCBA Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363PCBA RFMD-RF2363PCBA Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2363

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2363 RFMD-RF2363_1 Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com