Electronic Components Datasheet Search
  English  ▼

X  

RF2364 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2364
Description  3V PCS LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2364 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2364 Datasheet HTML 1Page - RF Micro Devices RF2364 Datasheet HTML 2Page - RF Micro Devices RF2364 Datasheet HTML 3Page - RF Micro Devices RF2364 Datasheet HTML 4Page - RF Micro Devices RF2364 Datasheet HTML 5Page - RF Micro Devices RF2364 Datasheet HTML 6Page - RF Micro Devices RF2364 Datasheet HTML 7Page - RF Micro Devices RF2364 Datasheet HTML 8Page - RF Micro Devices RF2364 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary
4-211
RF2364
Rev A4 010501
4
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is DC coupled and matched to 50
Ω.
2GND1
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
3
VPD
For low noise amplifier applications, this pin is used to control the bias
current. See plots for bias current settings. An external resistor (R1)
can beusedtoset thebiascurrent forany VPD voltage (See Applica-
tion Note).
For driver amplifier applications, this is the Power Down pin for the IC.
VPD=2.8V + 0.1V is required for proper operation. VPD< 0.9V turns off
the Part. External RF bypassing is required. The trace length between
the pin and the bypass capacitors should be minimized. The ground
side of the bypass capacitors should connect immediately to ground
plane. Nominal current required for VPD=2.8V is 2.0mA typical and
3.0mA Max (@ VPD=2.9V).
4GND2
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
5RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be
biased to either VCC or pin 4 through a choke or matching inductor.
This pin is typically matched to 50
Ω with a shunt bias/matching induc-
tor and series blocking/matching capacitor. Refer to application sche-
matics.
RF IN
RFOUT
To Bias
Circuit
PD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com