Electronic Components Datasheet Search
  English  ▼

X  

RF2366 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2366
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2366 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2366 Datasheet HTML 1Page - RF Micro Devices RF2366 Datasheet HTML 2Page - RF Micro Devices RF2366 Datasheet HTML 3Page - RF Micro Devices RF2366 Datasheet HTML 4Page - RF Micro Devices RF2366 Datasheet HTML 5Page - RF Micro Devices RF2366 Datasheet HTML 6Page - RF Micro Devices RF2366 Datasheet HTML 7Page - RF Micro Devices RF2366 Datasheet HTML 8Page - RF Micro Devices RF2366 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-187
RF2366
Rev A6 010816
4
Application Schematic
PCS Low Noise Amplifier ~1950MHz
Application Schematic
PCS Driver Amplifier ~1880MHz
VREF/PD
C2
0.1
µF
C6
33 nF
50
Ωµstrip
J1
RF IN
C1
0.1
µF
SELECT
R2
8.2 k
Ω
L2
3.3 nH
C3
1.5 pF
50
Ωµstrip
J2
RFOUT
C4
100 pF
VCC
Logic
Control
3
2
1
6
5
4
C5
10 nF
R1
1.3 k
Ω
L1
Minimum Length Stripline
VREF/PD
C2
0.1
µF
C6
33 nF
50
Ωµstrip
J1
RF IN
C1
0.1
µF
SELECT
R2
8.2 k
Ω
L2
3.3 nH
C3
1.5 pF
50
Ωµstrip
J2
RFOUT
C4
100 pF
VCC
Logic
Control
3
2
1
6
5
4
C5
10 nF
R1
1.3 k
Ω
L1
Minimum Length Stripline



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com