Electronic Components Datasheet Search
  English  ▼

X  

RF2368 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2368
Description  DCS/PCS 2.7V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2368 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2368 Datasheet HTML 1Page - RF Micro Devices RF2368 Datasheet HTML 2Page - RF Micro Devices RF2368 Datasheet HTML 3Page - RF Micro Devices RF2368 Datasheet HTML 4Page - RF Micro Devices RF2368 Datasheet HTML 5Page - RF Micro Devices RF2368 Datasheet HTML 6Page - RF Micro Devices RF2368 Datasheet HTML 7Page - RF Micro Devices RF2368 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
4-201
RF2368
Rev A0 010503
4
Pin
Function
Description
Interface Schematic
1BIAS
BIAS is set to the supply voltage at high gain mode. For bypass mode
see “Application Notes”.
2GND
3IN
DCS1800/PCS1900 RF input pin.
4GND1
LNA1 emittance inductance. Total inductance is comprised of
package+bondwire+L2 on PCB.
5VCC
Open collector for first stage LNA of DCS1800/PCS1900. It must be
biased to VCC through a choke or matching inductor.
6GND2
LNA2 emittance inductance. Total inductance is comprised of
package+bondwire+L4 on PCB.
7OUT
DCS1800 Amplifier Output pin. This pin is an open-collector output. It
must be biased to VCC through a choke or matching inductor. This pin
is typically matched to 50
Ω with a shunt bias/matching inductor and
series blocking/matching capacitor. Refer to application schematics.
8
SELECT
This pin selects high gain.
Select < 0.8V, high gain.
Select > 1.8V, low gain.
BIAS
RF IN
VCC1
To Bias
Circuit
GND1
VCC1
GND1
RF OUT
GND2
SELECT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com