Electronic Components Datasheet Search
  English  ▼

X  

RF2369 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2369
Description  3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2369 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2369 Datasheet HTML 1Page - RF Micro Devices RF2369 Datasheet HTML 2Page - RF Micro Devices RF2369 Datasheet HTML 3Page - RF Micro Devices RF2369 Datasheet HTML 4Page - RF Micro Devices RF2369 Datasheet HTML 5Page - RF Micro Devices RF2369 Datasheet HTML 6Page - RF Micro Devices RF2369 Datasheet HTML 7Page - RF Micro Devices RF2369 Datasheet HTML 8Page - RF Micro Devices RF2369 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary
4-187
RF2369
Rev A3 010720
4
Application Schematic
Cellular Low Noise Amplifier ~881MHz
Application Schematic
Cellular Driver Amplifier ~836MHz
VREF/PD
C2
0.1
µF
C6
33 nF
50
Ωµstrip
J1
RF IN
C1
0.1
µF
SELECT
L2
10 nH
C3
3pF
50
Ωµstrip
J2
RF OUT
C4
100 pF
VCC
Logic
Control
3
2
1
6
5
4
C5
10 nF
R1
1.6 k
Ω
L1
1.5 nH
L3
6.8 nH
VREF/PD
C2
0.1
µF
C6
33 nF
50
Ωµstrip
J1
RF IN
C1
0.1
µF
SELECT
L2
10 nH
C3
3pF
50
Ωµstrip
J2
RF OUT
VCC
Logic
Control
3
2
1
6
5
4
R1
1.3 k
Ω
L1
1.5 nH
L3
6.8 nH
C4
100 pF
C5
10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com