Electronic Components Datasheet Search
  English  ▼

X  

RF2377 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2377
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2377 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2377 Datasheet HTML 1Page - RF Micro Devices RF2377 Datasheet HTML 2Page - RF Micro Devices RF2377 Datasheet HTML 3Page - RF Micro Devices RF2377 Datasheet HTML 4Page - RF Micro Devices RF2377 Datasheet HTML 5Page - RF Micro Devices RF2377 Datasheet HTML 6Page - RF Micro Devices RF2377 Datasheet HTML 7Page - RF Micro Devices RF2377 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-44
RF2377
Rev A9 010411
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
0 to +5.0
VDC
DC Current
100
mA
Operating Ambient Temperature
-20 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
VCC=2.8V, VGC=2.0V, T=25°C
Usable Frequency Range
800 to 2200
MHz
Linear Gain Control Range
50
dB
Gain Control Slope
70
dB/V
TDMA
VCC=2.8V, VGC=2.0V, T=25°C
Operating Frequency
1880
MHz
Maximum Small Signal Gain
22
24
27
dB
Input VSWR
1.5:1
2.5:1
Over entire gain control range
Output IP3
+23
+26
dBm
Noise Figure
7
dB
Maximum gain
Maximum Average Output Power
+8
dBm
TDMA modulation
Adjacent Channel Power
Rejection
-33
-32
dBc
TDMA modulation; POUT=+8dBm
Alternate Channel Power
Rejection
-61
-57
dBc
TDMA modulation; POUT=+8dBm
CDMA
VCC=2.8V, VGC=2.0V, T=25°C
Operating Frequency
1880
MHz
Maximum Small Signal Gain
22
24
27
dB
Input VSWR
1.5:1
2.5:1
Over entire gain control range
Output IP3
+23
+26
dBm
Noise Figure
7
dB
Maximum gain
Maximum Average Output Power
+11
dBm
CDMA modulation; VCC=3.0V, maximum
gain setting, ACPR<-52dBc.
Adjacent Channel Power
Rejection
-53
dBc
CDMA modulation; VCC=3.0V. For
PIN>-16dBm, adjustment of PIN is required
to maintain ACPR performance over gain
control range. For PIN< -16dBm, ACPR per-
formance is maintained over entire gain con-
trol range.
W-CDMA
VCC=2.8V, T=25°C
Operating Frequency
1920 to 1980
MHz
Small Signal Gain
20
22
24
dB
VGC=2.0V
-33
-32
-31
dB
VGC=0.3V
Input VSWR
1.5:1
2.5:1
Over entire gain control range
Output IP3
+22
+24
dBm
Noise Figure
4
5
6
dB
Maximum gain
32
32.5
34
dB
Minimum gain
Maximum Linear Output Power
+8
+9
dBm
W-CDMA ACPR<-46dBc, VGC=2.0V
Adjacent Channel Power
Rejection
-48
-46
dBc
W-CDMA modulation; VGC=2.0V,
PIN<-12dBm
-43
dBc
W-CDMA modulation; Over entire gain con-
trol range, PIN<-17dBm
-43
dBc
W-CDMA modulation; VGC=1.0V,
PIN<-14dBm
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com