Electronic Components Datasheet Search
  English  ▼

X  

RF2381 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2381
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2381 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2381 Datasheet HTML 1Page - RF Micro Devices RF2381 Datasheet HTML 2Page - RF Micro Devices RF2381 Datasheet HTML 3Page - RF Micro Devices RF2381 Datasheet HTML 4Page - RF Micro Devices RF2381 Datasheet HTML 5Page - RF Micro Devices RF2381 Datasheet HTML 6Page - RF Micro Devices RF2381 Datasheet HTML 7Page - RF Micro Devices RF2381 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
4-43
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
6
5
4
VCC
GND
RF IN
RF OUT
GND
GC
ATT
ATT
RF2381
PCS/CELLULAR TDMA/CDMA/W-CDMA
LINEAR VARIABLE GAIN AMPLIFIER
• CDMA PCS/Cellular Handsets
• TDMA PCS/Cellular Handsets
• W-CDMA Handsets
The RF2381 is a linear variable gain amplifier suitable for
use in TDMA and CDMA systems in the cellular or PCS
band and for W-CDMA systems. The features of this
device include linear gain control, high gain, and high lin-
earity. The IC is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (GaAs HBT)
process and is featured in an industry-standard miniature
6-lead plastic SOT package.
• 50dB Linear Gain Control Range
•22dB Maximum Gain
• Single 2.7V to 3.3V Supply
• 35mA Supply Current
• High Linearity
RF2381
PCS/Cellular TDMA/CDMA/W-CDMA Linear Vari-
able Gain Amplifier
RF2381 PCBA
Fully Assembled Evaluation Board
4
Rev A1 010511
.90
.70
.10 MAX.
1.30
1.00
3.10
2.70
.37 MIN.
3.00
2.60
1.90
.25
.10
.50
.35
1.80
1.40
9°
*When Pin 1 is in
upper left, text
reads downward
(as shown).
All dimensions in mm.
1°
Package Style: SOT23-6


Similar Part No. - RF2381

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2381 RFMD-RF2381 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
261Kb / 10P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381PCBA-41X RFMD-RF2381PCBA-41X Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381PCBA-41X RFMD-RF2381PCBA-41X Datasheet
261Kb / 10P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2381

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com