Electronic Components Datasheet Search
  English  ▼

X  

RF2411 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2411
Description  LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2411 Datasheet HTML 1Page - RF Micro Devices RF2411 Datasheet HTML 2Page - RF Micro Devices RF2411 Datasheet HTML 3Page - RF Micro Devices RF2411 Datasheet HTML 4Page - RF Micro Devices RF2411 Datasheet HTML 5Page - RF Micro Devices RF2411 Datasheet HTML 6Page - RF Micro Devices RF2411 Datasheet HTML 7Page - RF Micro Devices RF2411 Datasheet HTML 8Page - RF Micro Devices RF2411 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
8-24
RF2411
Rev A5 010717
8
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 7.0
VDC
Input LO and RF Levels
+6
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter (850MHz)
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=5V, RF=850MHz,
LO= 0dBm, IF =50MHz, Application Sche-
matic 2 configuration
RF Frequency Range
500 to 1900
MHz
IF Frequency Range
DC to 150
MHz
Cascade Gain
27
dB
IF = 10MHz
21
25
29
IF = 50MHz
20
IF = 150MHz
Cascade IP3
-8
dBm
Referenced to the input
Cascade Noise Figure
2.4
dB
Single sideband, IF = 10MHz
2.4
Single sideband, IF = 50MHz
3.4
Single sideband, IF = 150MHz
First Section (LNA)
Noise Figure
1.6
dB
Input VSWR
1.5:1
Input IP3
-3.5
dBm
Gain
14
dB
Reverse Isolation
30
dB
Output VSWR
2.0:1
Second Section (RF Amp,
Mixer, IF1)
Noise Figure
11.0
dB
Single Sideband
Input VSWR
2.0:1
Input IP3
+6
dBm
Conversion Gain
11
dB
Output Impedance
4
k
Ω
Open Collector
LO Input
LO Level
-6 to +6
dBm
LO to RF Rejection
30
dB
LO to IF Rejection
30
dB
LO Input VSWR
1.5:1
Power Supply
Voltage
3 to 6.5
V
Current Consumption
8
mA
VCC=3.0V
20
mA
VCC=5.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com