Electronic Components Datasheet Search
  English  ▼

X  

RF2411PCBA-L Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2411PCBA-L
Description  LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411PCBA-L Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2411PCBA-L Datasheet HTML 6Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 7Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 8Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 9Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 10Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 11Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 12Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 13Page - RF Micro Devices RF2411PCBA-L Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
8-34
RF2411
Rev A5 010717
8
0
1
2
3
Frequency (GHz)
LNA S21
0
2
4
6
8
10
12
14
16
18
20
22
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
Vcc=3.6V
Vcc=4.5V
Vcc=5.0V
Vcc=6.0V
10.0
5.0
3.
0
4.0
-0.2
-0
.4
LNA S11
Swp Max
3.01GHz
Swp Min
0.01GHz
Vcc=2.7V
Vcc=3.6V
Vcc=5.0V
Vcc=6.0V
10MHz
3GHz
0
1
2
3
Frequency (GHz)
LNA S12
-28
-24
-20
-16
-12
-8
Vcc=2.7V
Vcc=3.6V
Vcc=5.0V
Vcc=6.0V
0
1
2
3
Frequency (GHz)
LNA VSWR
1
2
3
4
5
Input VSWR
Vcc=2.7V
Input VSWR
Vcc=3.6V
Input VSWR
Vcc=5.0V
Input VSWR
Vcc=6.0V
Output VSWR
Vcc=2.7V
Output VSWR
Vcc=3.6V
Output VSWR
Vcc=5.0V
Output VSWR
Vcc=6.0V
-0.2
-0.4
-0
.6
-0
.8
-0.1
-0.3
-0.
5
-0
.7
LNA S22
Swp Max
3.01GHz
Swp Min
0.01GHz
Vcc=2.7V
Vcc=3.6V
Vcc=5.0V
Vcc=6.0V
10MHZ
10MHZ
3GHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com