Electronic Components Datasheet Search
  English  ▼

X  

RF2418 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2418
Description  LOW CURRENT LNA/MIXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2418 Datasheet HTML 1Page - RF Micro Devices RF2418 Datasheet HTML 2Page - RF Micro Devices RF2418 Datasheet HTML 3Page - RF Micro Devices RF2418 Datasheet HTML 4Page - RF Micro Devices RF2418 Datasheet HTML 5Page - RF Micro Devices RF2418 Datasheet HTML 6Page - RF Micro Devices RF2418 Datasheet HTML 7Page - RF Micro Devices RF2418 Datasheet HTML 8Page - RF Micro Devices RF2418 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8-35
8
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA IN
GND
VDD1
VDD2
IF BYP
IF2 OUT
IF1 OUT
LNA OUT
GND
GND
RF IN
GND
DEC
LO IN
LNA
MIXER
BUFFER
10pF
RF AMP
RF2418
LOW CURRENT LNA/MIXER
• UHF Digital and Analog Receivers
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Commercial and Consumer Systems
• 433MHz and 915MHz ISM Band Receivers
• General Purpose Frequency Conversion
The RF2418 is a monolithic integrated UHF receiver
front-end. The IC contains all of the required components
to implement the RF functions of the receiver except for
the passive filtering and LO generation. It contains an
LNA (low-noise amplifier), a second RF amplifier, a dual-
gate GaAs FET mixer, and an IF output buffer amplifier
which will drive a 50
Ω load. In addition, the IF buffer
amplifier may be disabled and a high impedance output is
provided for easy matching to IF filters with high imped-
ances. The output of the LNA is made available as an
output to permit the insertion of a bandpass filter between
the LNA and the RF/Mixer section. The LNA section may
be disabled by removing the VDD1 connection to the IC.
• Single 3V to 6.5V Power Supply
• High Dynamic Range
• Low Current Drain
• High LO Isolation
• LNA Power Down Mode for Large Signals
RF2418
Low Current LNA/Mixer
RF2418 PCBA
Fully Assembled Evaluation Board
8
Rev A6 010717
0.156
0.148
0.059
0.057
0.252
0.236
0.010
0.004
.018
.014
8° MAX
0° MIN
0.0500
0.0164
0.010
0.007
0.347
0.339
0.050
Package Style: SOIC-14


Similar Part No. - RF2418

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
RF2418PCBA RFMD-RF2418PCBA Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418PCBA-41X RFMD-RF2418PCBA-41X Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
More results

Similar Description - RF2418

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
1GHz low voltage LNA and mixer
1999 Mar 26
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
1GHz low voltage LNA and mixer
1998 Jan 08
logo
RF Micro Devices
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
HIGH FREQUENCY LNA/MIXER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com