Electronic Components Datasheet Search
  English  ▼

X  

RF2420 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2420
Description  PROGRAMMABLE ATTENUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2420 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2420 Datasheet HTML 1Page - RF Micro Devices RF2420 Datasheet HTML 2Page - RF Micro Devices RF2420 Datasheet HTML 3Page - RF Micro Devices RF2420 Datasheet HTML 4Page - RF Micro Devices RF2420 Datasheet HTML 5Page - RF Micro Devices RF2420 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9-9
9
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RF IN
VDD
VDD
VDD
VDD
VDD
VDD
VDD
G2
G4
G8
GND
GND
G10
G20
RF OUT
2dB
4dB
8dB
10 dB
20 dB
RF2420
PROGRAMMABLE ATTENUATOR
• Power Control in Communication Systems
• CMOS Compatible Programmable
Attenuators
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2420 is a multistage monolithic programmable
attenuator. The device is built using an advanced Gallium
Arsenide process technology and has an attenuation pro-
grammability over a 44dB range in 2dB steps. The atten-
uation is set by five bits of digital data. The input and
output of the device have a low VSWR 50
Ω match. This
unit is intended for use in systems that require RF trans-
mit power control by digital means. Typical applications
are in dual mode IS-54/55 compatible cellular transceiv-
ers and TETRA systems. No negative supply voltages
are required.
• Single 3V to 6V Supply
• 0dB to 44dB Attenuation Range
• 4dB Insertion Loss
• 5-bit Digitally Controlled Attenuation
• Digitally Controlled Power Down Mode
• DC to 950MHz Frequency Range
RF2420
Programmable Attenuator
RF2420 PCBA
Fully Assembled Evaluation Board
9
Rev A6 010720
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity - 0.005 with
respect to datum "A".
0.050
0.018
0.014
0.157
0.150
0.393
0.386
0.244
0.229
8° MAX
0° MIN
0.034
0.016
0.009
0.007
0.068
0.053
0.008
0.004
-A-
Package Style: SOIC-16


Similar Part No. - RF2420

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2420

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RCDAT-6000-30 MINI-RCDAT-6000-30 Datasheet
932Kb / 8P
Programmable Attenuator
RCDAT-6000-90 MINI-RCDAT-6000-90 Datasheet
1Mb / 8P
Programmable Attenuator
RCDAT-8000-30 MINI-RCDAT-8000-30 Datasheet
785Kb / 8P
Programmable Attenuator
RCDAT-8000-90 MINI-RCDAT-8000-90 Datasheet
872Kb / 8P
Programmable Attenuator
RUDAT-13G-60 MINI-RUDAT-13G-60 Datasheet
822Kb / 9P
Programmable Attenuator
RUDAT-6000-30 MINI-RUDAT-6000-30 Datasheet
959Kb / 9P
Programmable Attenuator
RUDAT-6000-110 MINI-RUDAT-6000-110 Datasheet
1Mb / 8P
Programmable Attenuator
RC4DAT-6G-60 MINI-RC4DAT-6G-60 Datasheet
1Mb / 9P
Programmable Attenuator
RCDAT-30G-30 MINI-RCDAT-30G-30 Datasheet
908Kb / 10P
Programmable Attenuator
RC4DAT-8G-95 MINI-RC4DAT-8G-95 Datasheet
974Kb / 10P
Programmable Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com