Electronic Components Datasheet Search
  English  ▼

X  

RF2423 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2423
Description  100mW SPREAD-SPECTRUM TRANSMITTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2423 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2423 Datasheet HTML 1Page - RF Micro Devices RF2423 Datasheet HTML 2Page - RF Micro Devices RF2423 Datasheet HTML 3Page - RF Micro Devices RF2423 Datasheet HTML 4Page - RF Micro Devices RF2423 Datasheet HTML 5Page - RF Micro Devices RF2423 Datasheet HTML 6Page - RF Micro Devices RF2423 Datasheet HTML 7Page - RF Micro Devices RF2423 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5-38
RF2423
Rev A3 001218
5
Pin
Function
Description
Interface Schematic
11
GND4
Ground connection for the RF driver and output stage. Keep traces
physically short and connect immediately to ground plane for best per-
formance. Having a good ground connection on this pin is extremely
important due to the high RF levels in the circuits connected to this pin.
12
RF OUT
50
Ω RF output. This pin is not internally DC blocked and an external
blocking capacitor of 22pF is needed.
13
GND3
Ground connection for the RF driver and output stage. Keep traces
physically short and connect immediately to ground plane for best per-
formance. Having a good ground connection on this pin is extremely
important due to the high RF levels in the circuits connected to this pin.
14
VDD3
Power supply for the RF output stage. A 33pF external bypass capaci-
tor is required and an optional 0.1
µF will be required if no other low fre-
quency bypass capacitors are nearby. The trace length between the pin
and the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane.
Having good bypassing on this pin is especially important because of
the high levels of RF signal on the circuits connected to this pin.
15
VDD2
Power supply for the RF driver stage. A 33pF external bypass capacitor
is required and an optional 0.1
µF will be required if no other low fre-
quency bypass capacitors are near by. The trace length between the
pin and the bypass capacitors should be minimized. The ground side of
the bypass capacitors should connect immediately to ground plane.
Having good bypassing on this pin is especially important because of
the high levels of RF signal on the circuits connected to this pin.
16
STANDBY
Standby mode control. When this pin is 0V all circuits are turned off,
and when this pin is VDD all circuits are operating. This is a high
impedance input, internally connected to the gate of a few transistors.
To minimize current consumption in power down mode, this pin should
be as close to 0 V as possible, or even a little negative. Turn-on voltage
of some parts of the circuit may be as low as 0.0 V. In order to maxi-
mize output power this pin should be as close to VDD as possible dur-
ing normal operation.
RF OUT
V
DD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com